Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 71 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 71 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
Packaging
SFECF
SFECV/SFECK
SFELF
SFSKA
SFSKB
CFULA
CFWLA
SFPLA
TPSKA
CDSCB
3,000
3,000
1,000
1,000
3,000
CERAFIL
r<10.7MHz>
CERAFIL
r<2.3-6.5MHz>
CERAFIL
r<455kHz>
Ceramic Traps<4.5-6.5MHz>
Ceramic Discriminators<10.7MHz>
2,000
2,000
2,000
1,500
500
50
50
200
150
200
Box
Magazine
Bulk
Ammo Pack
ø180mm
ø330mm
Taping
c Minimum Quantity
( ): Reference
(in mm)
Dimensions of Carrier Tape
Dimensions of Reel
ø13.0±0.5
2.0±0.5
240 to 280
400 to 560
160 to 190
Empty
Components
Cover film
Empty
Trailer
Leader
17.0±1.0
+1.0
-0
13.0
Chip filter
ø1.55±0.05
User direction of feed
Cover film
Peeling strength
(0.1 to 0.7N)
(3°)
10° max.
4.0±0.1
2.0±0.05
4.0±0.1
3.35
+0.1
-0.05
c CERAFILr 10.7MHz Chip Type SFECF Series
Dimensions of reel
(
) : Reference
(in mm)
ø13.0±0.5
2.0±0.5
17.0±1.0
240-280
400-560
160-190
Empty
Components
Cover film
Empty
Trailer
Leader
10° max.
Peeling strength 0.1 to 0.7N
Cover film
User direction of feed
3.0±0.1
4.0±0.1
ø1.5
+0.1
–0.0
2.0±0.05
4.0±0.1
(3°)
∗
∗∗
∗
∗∗
∗
∗∗
∗
∗∗
∗
∗∗
Chip filter
Dimensions of carrier tape
13.0
+1.0
–0
c CERAFILr 10.7MHz Chip Type SFECV/SFECK Series
Continued on the following page.
69
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com