Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
Chip Type SFECV/SFECK Series
SFECV/SFECK10M7 series for FM receivers are monolithic
type ceramic filters that utilize the thickness expander
mode of piezoelectric ceramics. SFECV series enable
customers to make an AM/FM set very thin, and it can be
useful to the total chip circuit.
c Features
1. The piezoelectric element is sandwiched by heat
resistant substrate, thus it has excellent mechanical
strength, and it is suitable for automatic mounting.
2. Various bandwidths are available. Select a suitable
type in accordance with the desired selectivity.
3. Operating Temperature Range:
-20 to +80°C (Standard Type)
-40 to +85°C (High-reliability Type)
Storage Temperature Range:
-40 to +85°C (Standard Type)
-55 to +85°C (High-reliability Type)
c Applications
1. Small, thin radios
2. Automotive radios
3. Headphone stereos
6.9±0.3
∗
∗
∗
4.05±0.4
1.2±0.5
1.0±0.5
1.0±0.5
1.2±0.3
1.2±0.5
1.5±0.2
(3)
(2)
(1)
(1) : Input
(2) : Ground
(3) : Output
∗∗ : EIAJ Monthly Code
∗∗ : Center Frequency Rank Code
: Marking
(in mm)
1.0±0.5
Standard Type
Part Number
Center
Frequency
(fo) (MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Ripple
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFECV15M0EQ0001-R0
15.000
±50kHz
300 min.
750 max.
7.0max.
1.0 max.
30 min.
[within 14MHz to fo]
30 min.
[within fo to 16MHz]
330
SFECV10M7KA00-R0
10.700
±30kHz
110 ±30kHz
320 max.
6.0±2.0dB
1.0 max.
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
SFECV10M7JA00-R0
10.700
±30kHz
150 ±40kHz
380 max.
5.5±2.0dB
1.0 max.
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
Area of Attenuation: [within 20dB]
Area of Insertion Loss: at minimum loss point
Center frequency (fo) defined by the center of 3dB bandwidth.
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
Part Number
Center
Frequency
(fo) (MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Ripple
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFECK10M7KA00S0-R0
10.700
±30kHz
110 ±30kHz
320 max.
6.0±2.0dB
1.0 max.
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
SFECK10M7JA00S0-R0
10.700
±30kHz
150 ±40kHz
380 max.
5.5±2.0dB
1.0 max.
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
Area of Attenuation: [within 20dB]
Area of Insertion Loss: at minimum loss point
Center frequency (fo) defined by the center of 3dB bandwidth.
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
High-Reliability Type
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
CERAFIL
r (CERAFILr 10.7MHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com