Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 54 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 54 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
Ceramic Discriminator 10.7MHz Applied IC Reference Table
Please see the following table to reference applied IC.
If you cannot find the IC part number you are seeking, please contact our sales representative.
ex. : CDSCB10M7GA105A-R0
Suffix Number
IC Manufacturer
IC Part Number
Suffix Number
TOSHIBA
TA2003
TA2007
TA2008A / AN
TA2022
TA2057
TA2099N
TA2104AFN
TA2104F
TA2111N / F / FN
TA2132
TA2132BP
TA2142FN
TA2149AN
TA2149N
TA2154FN
TA2159F
TA31161
TA31275FN
TA7303P
TA7640AP
TA8122AN / AF
TA8132AN / AF
TB2132FN
031
033
045
050
057
082
080
080A
077
092
092D
102
100A
100
113
116
072
123
008
006
016
018
128
IC Manufacturer
IC Part Number
Suffix Number
ATMEL
INFINEON
Panasonic
Freescale
Renesas
NXP
ROHM
SAMSUNG
SANYO
SONY
T. I.
TOKO
U4313B
U4490B
TDA1576T
TDA6160X
AN7004
AN7232
MC13156
MC13158
μPC1391M
NE604
SA605
SA626
SA636DK
SA639
TDA1596T
TEA5710
TEA5757HL
TEA5762 / 5757
UAA3220TS
BA1448
BA4230AF
BA4234L
S1A0903
LA1225M
LA1814M
LA1823
LA1827M
LA1831
LA1832 / M
LA1833
LA1835 / M
LA1838 / M
LA7770
LV23000M
LV23100V
CX1691M
CX-20029
CXA1111
CXA1238
CXA1238N
CX1343M
CXA1376AM
CXA1538M / N / S
CXA1611
CX3067M
TRF6901
TK14570L
TK14583V
TK14588V
081
034V
051
038
011
053
049
073
056
020
042
047
096
085
120
040
105A
061
098
060
005
004
118A
108A
115
101
083
043
046
086
048
079
023
114
121
078
001
093
027
027N
032
054
069
075
076
119
122
112
109
52
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com