Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
Low Loss Type SFELF Series
SFELF10M7 series for FM receivers are monolithic type
ceramic filters that use the thickness expander mode
of the piezoelectric ceramic.
As part of the environment protection program, the solder
for terminal plating and terminal-element connection
inside of the ceramic filter contain no lead (Pb).
c Features
1. Insertion loss is 1 to 1.5dB lower than
conventional products. These types are useful for
elevating the sensitivity of sets.
2. Small dispersion and stable characteristics
3. Excellent shape factor of frequency response
4. Good waveform symmetry
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7JAA0-B0
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7HAA0-B0
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7GAA0-B0
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7FAA0-B0
Part Number
Center
Frequency
(fo) (MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFELF10M7JAA0-B0
10.700
±30kHz
150 ±40kHz
360 max.
4.5±2.0dB
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
SFELF10M7HAA0-B0
10.700
±30kHz
180 ±40kHz
470 max.
3.5±1.5dB
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
SFELF10M7GAA0-B0
10.700
±30kHz
230 ±50kHz
520 max.
3.0±2.0dB
35 min.
[within 9MHz to fo]
35 min.
[within fo to 12MHz]
330
SFELF10M7FAA0-B0
10.700
±30kHz
280 ±50kHz
590 max.
2.5±2.0dB
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
Area of Attenuation: [within 20dB]
Area of Insertion Loss: at minimum loss point
Center frequency (fo) defined by the center of 3dB bandwidth.
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
17
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
CERAFIL
r (CERAFILr 10.7MHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com