Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Standard Lead Type SFELF Series
SFELF10M7 series for FM-receivers are monolithic type
ceramic filters that use the thickness expander mode
of the piezoelectric ceramic.
As part of the environment protection program, the solder
for terminal plating and terminal-element connection
inside of the ceramic filter contain no lead (Pb).
c Features
1. These miniature filters have high mechanical
strength.
2. Low loss, favorable waveform symmetry, and high
selectivity
3. Various bandwidths are available for applications
in wide to narrow bands.
4. Small dispersion and stable characteristics
5. Change in center frequency is typically within
±30ppm/°C at -20 to +80°C.
6. High reliability
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7HA00-B0
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7GA00-B0
(1)
(2)
(3)
7.0±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELF10M7FA00-B0
Part Number
Center
Frequency
(fo) (MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFELF10M7HA00-B0
10.700
±30kHz
180 ±40kHz
520 max.
7.0max.
40 min.
[within 9MHz to fo]
40 min.
[within fo to 12MHz]
330
SFELF10M7GA00-B0
10.700
±30kHz
230 ±50kHz
570 max.
4.0±2.0dB
40 min.
[within 9MHz to fo]
40 min.
[within fo to 12MHz]
330
SFELF10M7FA00-B0
10.700
±30kHz
280 ±50kHz
650 max.
4.0±2.0dB
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
Area of Attenuation: [within 20dB]
Area of Insertion Loss: at minimum loss point
Center frequency (fo) defined by the center of 3dB bandwidth.
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
14
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
CERAFIL
r (CERAFILr 10.7MHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com