Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 189 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 189 Page - Microchip Technology

Back Button D131 Datasheet HTML 185Page - Microchip Technology D131 Datasheet HTML 186Page - Microchip Technology D131 Datasheet HTML 187Page - Microchip Technology D131 Datasheet HTML 188Page - Microchip Technology D131 Datasheet HTML 189Page - Microchip Technology D131 Datasheet HTML 190Page - Microchip Technology D131 Datasheet HTML 191Page - Microchip Technology D131 Datasheet HTML 192Page - Microchip Technology D131 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 189
PIC24FJ256GA705 FAMILY
16.5
Auxiliary Output
The MCCPx modules have an auxiliary (secondary)
output that provides other peripherals access to inter-
nal module signals. The auxiliary output is intended to
connect to other MCCPx modules, or other digital
peripherals, to provide these types of functions:
• Time Base Synchronization
• Peripheral Trigger and Clock Inputs
• Signal Gating
The type of output signal is selected using the
AUXOUT<1:0> control bits (CCPxCON2H<4:3>). The
type of output signal is also dependent on the module
operating mode.
On the PIC24FJ256GA705 family of devices, only the
CTMU discharge trigger has access to the auxiliary
output signal.
TABLE 16-4:
AUXILIARY OUTPUT
AUXOUT<1:0>
CCSEL
MOD<3:0>
Comments
Signal Description
00
x
xxxx
Auxiliary Output Disabled
No Output
01
0
0000
Time Base Modes
Time Base Period Reset or Rollover
10
Special Event Trigger Output
11
No Output
01
0
0001
through
1111
Output Compare Modes
Time Base Period Reset or Rollover
10
Output Compare Event Signal
11
Output Compare Signal
01
1
xxxx
Input Capture Modes
Time Base Period Reset or Rollover
10
Reflects the Value of the ICDIS bit
11
Input Capture Event Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com