Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 194 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 194 Page - Microchip Technology

Back Button D131 Datasheet HTML 190Page - Microchip Technology D131 Datasheet HTML 191Page - Microchip Technology D131 Datasheet HTML 192Page - Microchip Technology D131 Datasheet HTML 193Page - Microchip Technology D131 Datasheet HTML 194Page - Microchip Technology D131 Datasheet HTML 195Page - Microchip Technology D131 Datasheet HTML 196Page - Microchip Technology D131 Datasheet HTML 197Page - Microchip Technology D131 Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 194
 2016-2018 Microchip Technology Inc.
TABLE 16-6:
AUTO-SHUTDOWN SOURCES
REGISTER 16-3:
CCPxCON2L: CCPx CONTROL 2 LOW REGISTERS
R/W-0
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
PWMRSEN
ASDGM
—
SSDG
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ASDG7
ASDG6
ASDG5
ASDG4
ASDG3
ASDG2
ASDG1
ASDG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PWMRSEN: CCPx PWM Restart Enable bit
1 = ASEVT bit clears automatically at the beginning of the next PWM period, after the shutdown input
has ended
0 = ASEVT bit must be cleared in software to resume PWM activity on output pins
bit 14
ASDGM: CCPx Auto-Shutdown Gate Mode Enable bit
1 = Waits until the next Time Base Reset or rollover for shutdown to occur
0 = Shutdown event occurs immediately
bit 13
Unimplemented: Read as ‘0’
bit 12
SSDG: CCPx Software Shutdown/Gate Control bit
1 = Manually forces auto-shutdown, timer clock gate or input capture signal gate event (setting of
ASDGM bit still applies)
0 = Normal module operation
bit 11-8
Unimplemented: Read as ‘0’
bit 7-0
ASDG<7:0>: CCPx Auto-Shutdown/Gating Source Enable bits
1 = ASDGx Source n is enabled (see Table 16-6 for auto-shutdown/gating sources)
0 = ASDGx Source n is disabled
ASDG<7:0>
Auto-Shutdown Source
MCCP1
MCCP2
MCCP3
MCCP4
1xxx xxxx
OCFB
x1xx xxxx
OCFA
xx1x xxxx
CLC1
CLC2
Not Used
xxx1 xxxx
Not Used
xxxx 1xxx
Not Used
xxxx x1xx
CMP3 Out
xxxx xx1x
CMP2 Out
xxxx xxx1
CMP1 Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com