Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 211 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 211 Page - Microchip Technology

Back Button D131 Datasheet HTML 207Page - Microchip Technology D131 Datasheet HTML 208Page - Microchip Technology D131 Datasheet HTML 209Page - Microchip Technology D131 Datasheet HTML 210Page - Microchip Technology D131 Datasheet HTML 211Page - Microchip Technology D131 Datasheet HTML 212Page - Microchip Technology D131 Datasheet HTML 213Page - Microchip Technology D131 Datasheet HTML 214Page - Microchip Technology D131 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 211
PIC24FJ256GA705 FAMILY
REGISTER 17-5:
SPIxSTATH: SPIx STATUS REGISTER HIGH(4)
U-0
U-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
—
—RXELM5(3)
RXELM4(2)
RXELM3(1)
RXELM2
RXELM1
RXELM0
bit 15
bit 8
U-0
U-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
—
—
TXELM5(3)
TXELM4(2)
TXELM3(1)
TXELM2
TXELM1
TXELM0
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-8
RXELM<5:0>: Receive Buffer Element Count bits (valid in Enhanced Buffer mode)(1,2,3)
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TXELM<5:0>: Transmit Buffer Element Count bits (valid in Enhanced Buffer mode)(1,2,3)
Note 1:
RXELM3 and TXELM3 bits are only present when FIFODEPTH = 8 or higher.
2:
RXELM4 and TXELM4 bits are only present when FIFODEPTH = 16 or higher.
3:
RXELM5 and TXELM5 bits are only present when FIFODEPTH = 32.
4:
See the MODE32/16 bits in the SPIxCON1L register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com