Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 256 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 256 Page - Microchip Technology

Back Button D131 Datasheet HTML 252Page - Microchip Technology D131 Datasheet HTML 253Page - Microchip Technology D131 Datasheet HTML 254Page - Microchip Technology D131 Datasheet HTML 255Page - Microchip Technology D131 Datasheet HTML 256Page - Microchip Technology D131 Datasheet HTML 257Page - Microchip Technology D131 Datasheet HTML 258Page - Microchip Technology D131 Datasheet HTML 259Page - Microchip Technology D131 Datasheet HTML 260Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 256
 2016-2018 Microchip Technology Inc.
REGISTER 21-3:
RTCCON2L: RTCC CONTROL REGISTER 2 (LOW)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
FDIV4
FDIV3
FDIV2
FDIV1
FDIV0
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
PWCPS1
PWCPS0
PS1
PS0
—
—
CLKSEL1
CLKSEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
FDIV<4:0>: Fractional Clock Divide bits
00000 = No fractional clock division
00001 = Increase period by 1 RTCC input clock cycle every 16 seconds
00010 = Increase period by 2 RTCC input clock cycles every 16 seconds
•
•
•
11101 = Increase period by 30 RTCC input clock cycles every 16 seconds
11111 = Increase period by 31 RTCC input clock cycles every 16 seconds
bit 10-8
Unimplemented: Read as ‘0’
bit 7-6
PWCPS<1:0>: Power Control Prescale Select bits
00 = 1:1
01 = 1:16
10 = 1:64
11 = 1:256
bit 5-4
PS<1:0>: Prescale Select bits
00 = 1:1
01 = 1:16
10 = 1:64
11 = 1:256
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
CLKSEL<1:0>: Clock Select bits
00 = SOSC
01 = LPRC
10 = PWRLCLK pin
11 = System clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com