Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 330 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 330 Page - Microchip Technology

Back Button D131 Datasheet HTML 326Page - Microchip Technology D131 Datasheet HTML 327Page - Microchip Technology D131 Datasheet HTML 328Page - Microchip Technology D131 Datasheet HTML 329Page - Microchip Technology D131 Datasheet HTML 330Page - Microchip Technology D131 Datasheet HTML 331Page - Microchip Technology D131 Datasheet HTML 332Page - Microchip Technology D131 Datasheet HTML 333Page - Microchip Technology D131 Datasheet HTML 334Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 330
 2016-2018 Microchip Technology Inc.
REGISTER 29-1:
FSEC CONFIGURATION REGISTER
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
R/PO-1
U-1
U-1
U-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
AIVTDIS
—
—
—
CSS2
CSS1
CSS0
CWRP
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
U-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
GSS1
GSS0
GWRP
—
BSEN
BSS1
BSS0
BWRP
bit 7
bit 0
Legend:
PO = Program Once bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-16
Unimplemented: Read as ‘1’
bit 15
AIVTDIS: Alternate Interrupt Vector Table Disable bit
1 = Disables AIVT; INTCON2<8> (AIVTEN) bit is not available
0 = Enables AIVT; INTCON2<8> (AIVTEN) bit is available
bit 14-12
Unimplemented: Read as ‘1’
bit 11-9
CSS<2:0>: Configuration Segment (CS) Code Protection Level bits
111 = No protection (other than CWRP)
110 = Standard security
10x = Enhanced security
0xx = High security
bit 8
CWRP: Configuration Segment Program Write Protection bit
1 = Configuration Segment is not write-protected
0 = Configuration Segment is write-protected
bit 7-6
GSS<1:0>: General Segment (GS) Code Protection Level bits
11 = No protection (other than GWRP)
10 = Standard security
0x = High security
bit 5
GWRP: General Segment Program Write Protection bit
1 = General Segment is not write-protected
0 = General Segment is write-protected
bit 4
Unimplemented: Read as ‘1’
bit 3
BSEN: Boot Segment (BS) Control bit
1 = No Boot Segment is enabled
0 = Boot Segment size is determined by BSLIM<12:0>
bit 2-1
BSS<1:0>: Boot Segment Code Protection Level bits
11 = No protection (other than BWRP)
10 = Standard security
0x = High security
bit 0
BWRP: Boot Segment Program Write Protection bit
1 = Boot Segment can be written
0 = Boot Segment is write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com