Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 335 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 335 Page - Microchip Technology

Back Button D131 Datasheet HTML 331Page - Microchip Technology D131 Datasheet HTML 332Page - Microchip Technology D131 Datasheet HTML 333Page - Microchip Technology D131 Datasheet HTML 334Page - Microchip Technology D131 Datasheet HTML 335Page - Microchip Technology D131 Datasheet HTML 336Page - Microchip Technology D131 Datasheet HTML 337Page - Microchip Technology D131 Datasheet HTML 338Page - Microchip Technology D131 Datasheet HTML 339Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 335
PIC24FJ256GA705 FAMILY
REGISTER 29-6:
FWDT CONFIGURATION REGISTER
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
U-1
R/PO-1
R/PO-1
U-1
R/PO-1
U-1
R/PO-1
R/PO-1
—
WDTCLK1
WDTCLK0
—
WDTCMX
—
WDTWIN1
WDTWIN0
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
WINDIS
FWDTEN1
FWDTEN0
FWPSA
WDTPS3
WDTPS2
WDTPS1
WDTPS0
bit 7
bit 0
Legend:
PO = Program Once bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-15
Unimplemented: Read as ‘1’
bit 14-13
WDTCLK<1:0>: Watchdog Timer Clock Select bits (when WDTCMX = 1)
11 = Always uses LPRC
10 = Uses FRC when WINDIS = 0, system clock is not LPRC and device is not in Sleep; otherwise,
uses LPRC
01 = Always uses SOSC
00 = Uses peripheral clock when system clock is not LPRC and device is not in Sleep; otherwise, uses
LPRC
bit 12
Unimplemented: Read as ‘1’
bit 11
WDTCMX: WDT Clock MUX Control bit
1 = Enables WDT clock MUX, WDT clock is selected by WDTCLK<1:0>
0 = WDT clock is LPRC
bit 10
Unimplemented: Read as ‘1’
bit 9-8
WDTWIN<1:0>: Watchdog Timer Window Width bits
11 = WDT window is 25% of the WDT period
10 = WDT window is 37.5% of the WDT period
01 = WDT window is 50% of the WDT period
00 = WDT window is 75% of the WDT period
bit 7
WINDIS: Windowed Watchdog Timer Disable bit
1 = Windowed WDT is disabled
0 = Windowed WDT is enabled
bit 6-5
FWDTEN<1:0>: Watchdog Timer Enable bits
11 = WDT is enabled
10 = WDT is disabled (control is placed on the SWDTEN bit)
01 = WDT is enabled only while device is active and disabled in Sleep; SWDTEN bit is disabled
00 = WDT and SWDTEN are disabled
bit 4
FWPSA: Watchdog Timer Prescaler bit
1 = WDT prescaler ratio of 1:128
0 = WDT prescaler ratio of 1:32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com