Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 368 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 368 Page - Microchip Technology

Back Button D131 Datasheet HTML 364Page - Microchip Technology D131 Datasheet HTML 365Page - Microchip Technology D131 Datasheet HTML 366Page - Microchip Technology D131 Datasheet HTML 367Page - Microchip Technology D131 Datasheet HTML 368Page - Microchip Technology D131 Datasheet HTML 369Page - Microchip Technology D131 Datasheet HTML 370Page - Microchip Technology D131 Datasheet HTML 371Page - Microchip Technology D131 Datasheet HTML 372Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 368
 2016-2018 Microchip Technology Inc.
TABLE 32-9:
DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VOL
Output Low Voltage
DO10
I/O Ports
—
—
0.4
V
IOL = 6.6 mA, VDD = 3.6V
——
0.8
V
IOL = 18 mA, VDD = 3.6V
——
0.35
V
IOL = 5.0 mA, VDD = 2V
DO16
OSCO/CLKO
—
—
0.18
V
IOL = 6.6 mA, VDD = 3.6V
——
0.2
V
IOL = 5.0 mA, VDD = 2V
VOH
Output High Voltage
DO20
I/O Ports
3.4
—
—
V
IOH = -3.0 mA, VDD = 3.6V
3.25
—
—
V
IOH = -6.0 mA, VDD = 3.6V
2.8
—
—
V
IOH = -18 mA, VDD = 3.6V
1.65
—
—
V
IOH = -1.0 mA, VDD = 2V
1.4
—
—
V
IOH = -3.0 mA, VDD = 2V
DO26
OSCO/CLKO
3.3
—
—
V
IOH = -6.0 mA, VDD = 3.6V
1.85
—
—
V
IOH = -1.0 mA, VDD = 2V
Note 1: Data in the “Typ” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
TABLE 32-10: DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Program Flash Memory
D130
EP
Cell Endurance
10000
—
—
E/W
-40
C to +85C
D131
VPR
VDD for Read
VMIN
—3.6
V
VMIN = Minimum operating voltage
D132B
VDD for Self-Timed Write
VMIN
—3.6
V
VMIN = Minimum operating voltage
D133A TIW
Self-Timed Word Write
Cycle Time
—20
—
µs
Self-Timed Row Write
Cycle Time
—1.5
—
ms
D133B TIE
Self-Timed Page Erase
Time
20
—
40
ms
D134
TRETD
Characteristic Retention
20
—
—
Year If no other specifications are violated
D135
IDDP
Supply Current during
Programming
—5
—
mA
Note 1: Data in the “Typ” column is at 3.3V, +25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com