Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 406 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 406 Page - Microchip Technology

Back Button D131 Datasheet HTML 402Page - Microchip Technology D131 Datasheet HTML 403Page - Microchip Technology D131 Datasheet HTML 404Page - Microchip Technology D131 Datasheet HTML 405Page - Microchip Technology D131 Datasheet HTML 406Page - Microchip Technology D131 Datasheet HTML 407Page - Microchip Technology D131 Datasheet HTML 408Page - Microchip Technology D131 Datasheet HTML 409Page - Microchip Technology D131 Datasheet HTML 410Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 406
 2016-2018 Microchip Technology Inc.
Code Memory Programming Example
Double-Word Programming ........................................ 77
Page Erase ................................................................. 74
Row Writes.................................................................. 75
Code Protection ................................................................ 344
Comparator Voltage Reference ........................................ 315
Configuring................................................................ 315
Configurable Logic Cell (CLC) .......................................... 277
Configurable Logic Cell. See CLC.
Configuration Bits.............................................................. 329
Core Features ..................................................................... 15
CPU..................................................................................... 35
Arithmetic Logic Unit (ALU)......................................... 40
Clocking Scheme ........................................................ 98
Control Registers ........................................................ 38
Core Registers ............................................................ 36
Programmer’s Model................................................... 35
CRC
Data Shift Direction ................................................... 273
Interrupt Operation.................................................... 273
Polynomials............................................................... 272
Setup Examples for 16 and 32-Bit Polynomials ........ 272
Typical Operation...................................................... 273
User Interface ........................................................... 272
CTMU
Measuring Capacitance ............................................ 317
Measuring Die Temperature ..................................... 320
Measuring Time/Routing Current to
A/D Input Pin..................................................... 318
Pulse Generation and Delay ..................................... 318
Customer Change Notification Service ............................. 411
Customer Notification Service........................................... 411
Customer OTP Memory .................................................... 344
Customer Support ............................................................. 411
Cyclic Redundancy Check. See CRC.
D
Data Memory Space ........................................................... 45
Extended Data Space (EDS) ...................................... 54
Memory Map ............................................................... 45
Near Data Space ........................................................ 46
Organization, Alignment.............................................. 46
SFR Space.................................................................. 46
Implemented Regions ......................................... 46
Map, 0000h Block ............................................... 47
Map, 0100h Block ............................................... 48
Map, 0200h Block ............................................... 49
Map, 0300h Block ............................................... 50
Map, 0400h Block ............................................... 51
Map, 0500h Block ............................................... 52
Map, 0600h Block ............................................... 52
Map, 0700h Block ............................................... 53
Software Stack............................................................ 57
DC Characteristics
Comparator Specifications........................................ 370
Comparator Voltage Reference Specifications ......... 370
CTMU Current Source .............................................. 370
 Current (BOR, WDT, HLVD, RTCC)...................... 365
High/Low-Voltage Detect .......................................... 369
I/O Pin Input Specifications ....................................... 367
I/O Pin Output Specifications .................................... 368
Idle Current (IIDLE) .................................................... 362
Internal Voltage Regulator Specifications ................. 369
Operating Current (IDD)............................................. 360
Power-Down Current (IPD) ........................................ 364
Program Memory ...................................................... 368
Temperature and Voltage Specifications.................. 359
Thermal Operating Conditions.................................. 358
Thermal Packaging................................................... 358
Development Support ....................................................... 345
Device Features
28-Pin Devices............................................................ 17
44/48-Pin Devices....................................................... 18
Direct Memory Access Controller. See DMA.
DMA
Channel Trigger Sources............................................ 70
Control Registers ........................................................ 66
Peripheral Module Disable (PMD) Registers .............. 66
Summary of Operations.............................................. 64
Types of Data Transfers ............................................. 65
Typical Setup .............................................................. 66
DMA Controller ................................................................... 16
E
Electrical Characteristics .................................................. 357
Absolute Maximum Ratings ...................................... 357
V/F Graph (Industrial) ............................................... 358
Enhanced Parallel Master Port (EPMP) ........................... 239
Enhanced Parallel Master Port. See EPMP.
EPMP
Key Features ............................................................ 239
Memory Addressable in Different Modes.................. 240
Pin Descriptions........................................................ 241
PMDIN1 and PMDIN2 Registers .............................. 240
PMDOUT1 and PMDOUT2 Registers ...................... 240
Equations
16-Bit, 32-Bit CRC Polynomials................................ 272
A/D Conversion Clock Period ................................... 305
Baud Rate Reload Calculation.................................. 223
Calculating the PWM Period..................................... 176
Calculation for Maximum PWM Resolution .............. 177
Relationship Between Device and
SPIx Clock Speed............................................. 220
UARTx Baud Rate with BRGH = 0 ........................... 231
UARTx Baud Rate with BRGH = 1 ........................... 231
Errata .................................................................................. 12
Extended Data Space (EDS) ............................................ 239
External Oscillator Pins....................................................... 33
F
Flash Program Memory ...................................................... 71
and Table Instructions ................................................ 71
Control Registers ........................................................ 72
Double-Word Programming ........................................ 77
Enhanced ICSP Operation ......................................... 72
JTAG Operation.......................................................... 72
Operations .................................................................. 72
Programming Algorithm .............................................. 74
RTSP Operation ......................................................... 72
G
Guidelines for Getting Started with 16-Bit MCUs................ 29
H
High/Low-Voltage Detect (HLVD) ..................................... 327
High/Low-Voltage Detect. See HLVD.
HLVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com