Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 137 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 137 Page - Microchip Technology

Back Button D131 Datasheet HTML 133Page - Microchip Technology D131 Datasheet HTML 134Page - Microchip Technology D131 Datasheet HTML 135Page - Microchip Technology D131 Datasheet HTML 136Page - Microchip Technology D131 Datasheet HTML 137Page - Microchip Technology D131 Datasheet HTML 138Page - Microchip Technology D131 Datasheet HTML 139Page - Microchip Technology D131 Datasheet HTML 140Page - Microchip Technology D131 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 137
PIC24FJ256GA705 FAMILY
11.5.3.1
Input Mapping
The inputs of the Peripheral Pin Select options are
mapped on the basis of the peripheral; that is, a control
register associated with a peripheral dictates the pin it
will be mapped to. The RPINRx registers are used to
configure peripheral input mapping (see Register 11-13
through Register 11-31).
Each register contains one or two sets of 6-bit fields,
with each set associated with one of the pin-selectable
peripherals. Programming a given peripheral’s bit field
with an appropriate 6-bit value maps the RPn/RPIn pin
with that value to that peripheral. For any given device,
the valid range of values for any of the bit fields corre-
sponds to the maximum number of Peripheral Pin
Selections supported by the device.
TABLE 11-6:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
Input Name
Function Name
Register
Function Mapping
Bits
Output Compare Trigger 1
OCTRIG1
RPINR0<5:0>
OCTRIG1R<5:0>
External Interrupt 1
INT1
RPINR0<13:8>
INT1R<5:0>
External Interrupt 2
INT2
RPINR1<5:0>
INT2R<5:0>
External Interrupt 3
INT3
RPINR1<13:8>
INT3R<5:0>
External Interrupt 4
INT4
RPINR2<5:0>
INT4R<5:0>
Output Compare Trigger 2
OCTRIG2
RPINR2<13:8>
OCTRIG2R<5:0>
Timer2 External Clock
T2CK
RPINR3<5:0>
T2CKR<5:0>
Timer3 External Clock
T3CK
RPINR3<13:8>
T3CKR<5:0>
Input Capture 1
ICM1
RPINR5<5:0>
ICM1R<5:0>
Input Capture 2
ICM2
RPINR5<13:8>
ICM2R<5:0>
Input Capture 3
ICM3
RPINR6<5:0>
ICM3R<5:0>
Input Capture 4
ICM4
RPINR6<13:8>
ICM4R<5:0>
Input Capture 1
IC1
RPINR7<5:0>
IC1R<5:0>
Input Capture 2
IC2
RPINR7<13:8>
IC2R<5:0>
Input Capture 3
IC3
RPINR8<5:0>
IC3R<5:0>
Output Compare Fault A
OCFA
RPINR11<5:0>
OCFAR<5:0>
Output Compare Fault B
OCFB
RPINR11<13:8>
OCFBR<5:0>
CCP Clock Input A
TCKIA
RPINR12<5:0>
TCKIAR<5:0>
CCP Clock Input B
TCKIB
RPINR12<13:8>
TCKIBR<5:0>
UART1 Receive
U1RX
RPINR18<5:0>
U1RXR<5:0>
UART1 Clear-to-Send
U1CTS
RPINR18<13:8>
U1CTSR<5:0>
UART2 Receive
U2RX
RPINR19<5:0>
U2RXR<5:0>
UART2 Clear-to-Send
U2CTS
RPINR19<13:8>
U2CTSR<5:0>
SPI1 Data Input
SDI1
RPINR20<5:0>
SDI1R<5:0>
SPI1 Clock Input
SCK1IN
RPINR20<13:8>
SCK1R<5:0>
SPI1 Slave Select Input
SS1IN
RPINR21<5:0>
SS1R<5:0>
SPI2 Data Input
SDI2
RPINR22<5:0>
SDI2R<5:0>
SPI2 Clock Input
SCK2IN
RPINR22<13:8>
SCK2R<5:0>
SPI2 Slave Select Input
SS2IN
RPINR23<5:0>
SS2R<5:0>
Generic Timer External Clock
TxCK
RPINR23<13:8>
TXCKR<5:0>
CLC Input A
CLCINA
RPINR25<5:0>
CLCINAR<5:0>
CLC Input B
CLCINB
RPINR25<13:8>
CLCINBR<5:0>
SPI3 Data Input
SDI3
RPINR28<5:0>
SDI3R<5:0>
SPI3 Clock Input
SCK3IN
RPINR28<13:8>
SCK3R<5:0>
SPI3 Slave Select Input
SS3IN
RPINR29<5:0>
SS3R<5:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt Trigger (ST) input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com