Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 168 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 168 Page - Microchip Technology

Back Button D131 Datasheet HTML 164Page - Microchip Technology D131 Datasheet HTML 165Page - Microchip Technology D131 Datasheet HTML 166Page - Microchip Technology D131 Datasheet HTML 167Page - Microchip Technology D131 Datasheet HTML 168Page - Microchip Technology D131 Datasheet HTML 169Page - Microchip Technology D131 Datasheet HTML 170Page - Microchip Technology D131 Datasheet HTML 171Page - Microchip Technology D131 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 168
 2016-2018 Microchip Technology Inc.
14.1.2
CASCADED (32-BIT) MODE
By default, each module operates independently with
its own 16-bit timer. To increase resolution, adjacent
even and odd modules can be configured to function as
a single 32-bit module. (For example, Modules 1 and 2
are paired, as are Modules 3 and 4, and so on.) The
odd numbered module (ICx) provides the Least Signif-
icant 16 bits of the 32-bit register pairs and the even
numbered module (ICy) provides the Most Significant
16 bits. Wrap-arounds of the ICx registers cause an
increment of their corresponding ICy registers.
Cascaded operation is configured in hardware by
setting the IC32 bits (ICxCON2<8>) for both modules.
14.2
Capture Operations
The input capture module can be configured to capture
timer values and generate interrupts on rising edges on
ICx or all transitions on ICx. Captures can be config-
ured to occur on all rising edges or just some (every 4th
or 16th). Interrupts can be independently configured to
generate on each event or a subset of events.
To set up the module for capture operations:
1.
Configure the ICx input for one of the available
Peripheral Pin Select pins.
2.
If Synchronous mode is to be used, disable the
Sync source before proceeding.
3.
Make sure that any previous data has been
removed from the FIFO by reading ICxBUF until
the ICBNE bit (ICxCON1<3>) is cleared.
4.
Set the SYNCSELx bits (ICxCON2<4:0>) to the
desired Sync/Trigger source.
5.
Set the ICTSELx bits (ICxCON1<12:10>) for the
desired clock source.
6.
Set the ICIx bits (ICxCON1<6:5>) to the desired
interrupt frequency.
7.
Select Synchronous or Trigger mode operation:
a)
Check that the SYNCSELx bits are not set
to ‘00000’.
b)
For Synchronous mode, clear the ICTRIG
bit (ICxCON2<7>).
c)
For Trigger mode, set ICTRIG and clear the
TRIGSTAT bit (ICxCON2<6>).
8.
Set the ICMx bits (ICxCON1<2:0>) to the
desired operational mode.
9.
Enable the selected Sync/Trigger source.
For 32-bit cascaded operations, the setup procedure is
slightly different:
1.
Set the IC32 bits for both modules (ICyCON2<8>
and ICxCON2<8>), enabling the even numbered
module first. This ensures the modules will start
functioning in unison.
2.
Set the ICTSELx and SYNCSELx bits for both
modules to select the same Sync/Trigger and
time base source. Set the even module first, then
the odd module. Both modules must use the
same ICTSELx and SYNCSELx bits settings.
3.
Clear the ICTRIG bit of the even module
(ICyCON2<7>). This forces the module to run in
Synchronous mode with the odd module,
regardless of its Trigger mode setting.
4.
Use the odd module’s ICIx bits (ICxCON1<6:5>)
to set the desired interrupt frequency.
5.
Use the ICTRIG bit of the odd module
(ICxCON2<7>)
to
configure
Trigger
or
Synchronous mode operation.
6.
Use the ICMx bits of the odd module
(ICxCON1<2:0>) to set the desired Capture
mode.
The module is ready to capture events when the time
base and the Sync/Trigger source are enabled. When
the ICBNE bit (ICxCON1<3>) becomes set, at least
one capture value is available in the FIFO. Read input
capture values from the FIFO until the ICBNE clears
to ‘0’.
For 32-bit operation, read both the ICxBUF and
ICyBUF for the full 32-bit timer value (ICxBUF for the
lsw, ICyBUF for the msw). At least one capture value is
available in the FIFO buffer when the odd module’s
ICBNE bit (ICxCON1<3>) becomes set. Continue to
read the buffer registers until ICBNE is cleared
(performed automatically by hardware).
Note:
For Synchronous mode operation, enable
the Sync source as the last step. Both
input capture modules are held in Reset
until the Sync source is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com