Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 31 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 27Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 28Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 29Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 30Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 31Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 32Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 33Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 34Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 31 of 232
Component
Description
Single Ended 50
Ω Output
Differential Antenna
C191, C211
32 MHz crystal load capacitor
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
C241, C421
Load capacitance for power supply
voltage regulators
220 nF, 10%, 0402
220 nF, 10%, 0402
C341
DC block to antenna and match
5.6 pF, +/- 0.25pF, NP0,
0402
Not used
C431, C441
32.768 kHz crystal load capacitor (if low-
frequency crystal is needed in application)
15 pF, 5%, NP0, 0402
15 pF, 5%, NP0, 0402
L321
Discrete balun and match
8.2 nH, 5%,
Monolithic/multilayer, 0402
27 nH, 5%,
Monolithic/multilayer, 0402
L331
Discrete balun and match
22 nH, 5%,
Monolithic/multilayer, 0402
12 nH, 5%,
Monolithic/multilayer, 0402
L341
Discrete balun and match
1.8 nH, 5%,
Monolithic/multilayer, 0402
Not used
R221
Precision resistor for current reference
generator to system-on-chip part
56 k
Ω, 1%, 0402
56 k
Ω, 1%, 0402
R261
Precision resistor for current reference
generator to RF part
43 k
Ω, 1%, 0402
43 k
Ω, 1%, 0402
XTAL1
32 MHz Crystal
32 MHz crystal,
ESR < 60
Ω
32 MHz crystal,
ESR < 60
Ω
XTAL2
Optional 32.768 kHz watch crystal (if low-
frequency crystal is needed in application)
32.768 kHz crystal,
Epson MC 306.
32.768 kHz crystal,
Epson MC 306.
Table 24: Overview of external components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com