Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 52 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 50Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 51Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 52Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 53Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 54Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 55Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 52 of 232
Instruction
CY
OV
AC
ADD
x
x
x
ADDC
x
x
x
SUBB
x
x
x
MUL
0
x
-
DIV
0
x
-
DA
x
-
-
RRC
x
-
-
RLC
x
-
-
SETB C
1
-
-
CLR C
x
-
-
CPL C
x
-
-
ANL C,bit
x
-
-
ANL C,/bit
x
-
-
ORL C,bit
x
-
-
ORL C,/bit
x
-
-
MOV C,bit
x
-
-
CJNE
x
-
-
“0”=set to 0, “1”=set to 1, “x”=set to 0/1, “-“=not affected
Table 28: Instructions that affect flag settings
12.7 Interrupts
The CPU has 18 interrupt sources. Each
source has its own request flag located in a set
of Interrupt Flag SFR registers. Each interrupt
requested by the corresponding flag can be
individually
enabled
or
disabled.
The
definitions of the interrupt sources and the
interrupt vectors are given in Table 29.
The interrupts are grouped into a set of priority
level groups with selectable priority levels.
The interrupt enable registers are described in
section 12.7.1 and the interrupt priority settings
are described in section 12.7.3 on page 60.
12.7.1 Interrupt Masking
Each interrupt can be individually enabled or
disabled by the interrupt enable bits in the
Interrupt Enable SFRs IEN0, IEN1 and IEN2.
The Interrupt Enable SFRs are described
below and summarized in Table 29.
Note that some peripherals have several
events that can generate the interrupt request
associated with that peripheral. This applies to
Port 0, Port 1, Port 2, DMA, Timer 1, Timer 3 ,
Timer 4 and Radio. These peripherals have
interrupt mask bits for each internal interrupt
source in the corresponding SFR registers.
In order to use any of the interrupts in the
CC2430 , the following steps must be taken
1. Enable global interrupt by setting the
EA bit in IEN0 to 1
2. Set
the
corresponding
individual,
interrupt enable bit in the IEN0, IEN1
or IEN2 registers to 1.
3. Set individual interrupt enable bit in
the peripherals SFR register, if any.
4. Begin the interrupt service routine at
the corresponding vector address of
that interrupt. See Table 29 for
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com