Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 48 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 45Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 50Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 51Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 48 of 232
12.5.5 Stack Pointer
The stack resides in DATA memory space and
grows upwards. The PUSH instruction first
increments the Stack Pointer (SP) and then
copies the byte into the stack. The Stack
Pointer is initialized to 0x07 after a reset and it
is incremented once to start from location 0x08
which is the first register (R0) of the second
register bank. Thus, in order to use more than
one register bank, the SP should be initialized
to a different location not used for data
storage.
SP (0x81) – Stack Pointer
Bit
Name
Reset
R/W
Description
7:0
SP[7:0]
0x07
R/W
Stack Pointer
12.6 Instruction Set Summary
The 8051 instruction set is summarized in
Table 27. All mnemonics copyrighted
© Intel
Corporation, 1980.
The following conventions are used in the
instruction set summary:
•
Rn – Register R7-R0 of the currently
selected register bank.
•
direct – 8-bit internal data location’s
address. This can be DATA area (0x00 –
0x7F) or SFR area (0x80 – 0xFF).
•
@Ri – 8-bit internal data location, DATA
area (0x00 – 0xFF) addressed indirectly
through register R1 or R0.
•
#data
–
8-bit
constant
included
in
instruction.
•
#data16 – 16-bit constant included in
instruction.
•
addr16 – 16-bit destination address. Used
by LCALL and LJMP. A branch can be
anywhere within the 64 KB CODE memory
space.
•
addr11 – 11-bit destination address. Used
by ACALL and AJMP. The branch will be
within the same 2 KB page of program
memory as the first byte of the following
instruction.
•
rel – Signed (two’s complement) 8-bit
offset byte. Used by SJMP and all
conditional jumps. Range is –128 to +127
bytes relative to first byte of the following
instruction.
•
bit – direct addressed bit in DATA area or
SFR.
The instructions that affect CPU flag settings
located in PSW are listed in Table 28 on page
52. Note that operations on the PSW register or
bits in PSW will also affect the flag settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com