Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 6Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 7Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 8Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 9Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 10Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 11Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 12Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 13Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 10 of 232
4
Features (continued from front page)
4.1
High-Performance and Low-Power
8051-Compatible Microcontroller
• Optimized 8051 core, which typically gives
8x the performance of a standard 8051
• Dual data pointers
• In-circuit interactive debugging is supported
for the IAR Embedded Workbench through
a simple two-wire serial interface
4.2
Up to 128 KB Non-volatile Program
Memory and 2 x 4 KB Data Memory
32/64/128 KB of non-volatile flash memory
in-system programmable through a simple
two-wire interface or by the 8051 core
Worst-case flash memory endurance:
1000 write/erase cycles.
Programmable read and write lock of
portions of Flash memory for software
security
4096 bytes of internal SRAM with data
retention in all power modes.
Additional 4096 bytes of internal SRAM
with data retention in power modes 0 and
1.
4.3
Hardware AES Encryption/Decryption
AES supported in hardware coprocessor
4.4
Peripheral Features
Powerful DMA Controller
Power On Reset/Brown-Out Detection
Eight channel, 8-14 bit ADC
Programmable watchdog timer
Real time clock with 32.768 kHz crystal
oscillator
Four timers: one general 16-bit timer, two
general 8-bit timers, one MAC timer
Two
programmable
USARTs
for
master/slave SPI or UART operation
21 configurable general-purpose digital
I/O-pins
True random number generator
4.5
Low Power
Four flexible power modes for reduced
power consumption
System can wake up on external interrupt
or real-time counter event
Low-power fully static CMOS design
System clock source can be 16 MHz RC
oscillator or 32 MHz crystal oscillator. The
32 MHz oscillator is used when radio is
active.
Optional clock source for ultra-low power
operation can be either low-power RC
oscillator or an optional 32.768 kHz crystal
oscillator.
4.6
802.15.4 MAC hardware support
Automatic preamble generator
Synchronization word insertion/detection
CRC-16 computation and checking over
the MAC payload
Clear Channel Assessment
Energy detection / digital RSSI
Link Quality Indication
CSMA/CA Coprocessor
4.7
Integrated 2.4GHz DSSS Digital Radio
2.4 GHz IEEE 802.15.4 compliant RF
transceiver (based on industry leading
CC2420 radio core).
Excellent
receiver
sensitivity
and
robustness to interferers
250 kbps data rate, 2 MChip/s chip rate
Complies with worldwide radio frequency
regulations covered by ETSI EN 300 328
and EN 300 440 class 2 (Europe), FCC
CFR47 Part 15 (US) and ARIB STD-T66
(Japan).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com