Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 73 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 69Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 70Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 71Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 72Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 73Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 74Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 75Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 76Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 73 of 232
13.1.7 32.768 kHz XOSC input
Ports P2_3 and P2_4 are used to connect an
external 32.768 kHz crystal. These port pins
will be used by the 32.768 kHz crystal
oscillator when CLKCON.OSC32K is low,
regardless of register settings. The port pins
will
be
set
in
analog
mode
when
CLKCON.OSC32K is low.
13.1.8 Unused I/O pins
Unused I/O pins should have a defined level
and not be left floating. One way to do this is to
leave the pin unconnected and configure the
pin as a general purpose I/O input with pull-up
resistor. This is also the state of all pins during
reset. Alternatively the pin can be configured
as a general purpose I/O output. In both cases
the pin should not be connected directly to
VDD or GND in order to avoid excessive
power consumption.
13.1.9 I/O registers
The registers for the I/O ports are described in
this section. The registers are:
P0 Port 0
P1 Port 1
P2 Port 2
PERCFG Peripheral control register
ADCCFG
ADC
input
configuration
register
P0SEL Port 0 function select register
P1SEL Port 1 function select register
P2SEL Port 2 function select register
P0DIR Port 0 direction register
P1DIR Port 1 direction register
P2DIR Port 2 direction register
P0INP Port 0 input mode register
P1INP Port 1 input mode register
P2INP Port 2 input mode register
P0IFG Port 0 interrupt status flag
register
P1IFG Port 1 interrupt status flag
register
P2IFG Port 2 interrupt status flag
register
PICTL Interrupt mask and edge
register
P1IEN Port 1 interrupt mask register
P0 (0x80) – Port 0
Bit
Name
Reset
R/W
Description
7:0
P0[7:0]
0xFF
R/W
Port 0. General purpose I/O port. Bit-addressable.
P1 (0x90) – Port 1
Bit
Name
Reset
R/W
Description
7:0
P1[7:0]
0xFF
R/W
Port 1. General purpose I/O port. Bit-addressable.
P2 (0xA0) – Port 2
Bit
Name
Reset
R/W
Description
7:5
-
000
R0
Not used
4:0
P2[4:0]
0x1F
R/W
Port 2. General purpose I/O port. Bit-addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com