Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 18 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 14Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 15Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 16Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 17Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 18Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 19Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 20Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 21Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 18 of 232
7.9
Analog Temperature Sensor
TA=25°C, VDD=2.0 V to 3.6V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Output voltage at –40
°C
0.638
0.648
0.706
V
Output voltage at 0
°C
0.733
0.743
0.793
V
Output voltage at +40
°C
0.828
0.840
0.891
V
Output voltage at +80
°C
0.924
0.939
0.992
V
Output voltage at +120
°C
1.022
1.039
1.093
V
Temperature coefficient
2.35
2.45
2.46
mV/
°C
Fitted from –20
°C to +80°C
Absolute error in calculated
temperature
–14
–8
+14
°C
From –20
°C to +80°C when assuming best fit for
absolute accuracy: 0.763V at 0
°C and 2.44mV / °C
Error in calculated
temperature, calibrated
–2
+2
°C
From –20
°C to +80°C when using 2.44mV / °C,
after 1-point calibration at room temperature
Current consumption
increase when enabled
0.3
mA
Table 13: Analog Temperature Sensor Parameters
7.10 8-14 bit ADC
TA=25°C, VDD=3.0V if nothing else stated. Differential input and differential reference.
Parameter
Min
Typ
Max
Unit
Condition/Note
Input voltage
0
AVDD
V
AVDD is voltage on AVDD_SOC pin
External reference voltage
0
AVDD
V
AVDD is voltage on AVDD_SOC pin
External reference voltage
differential
0
AVDD
V
AVDD is voltage on AVDD_SOC pin
Number of bits (ENOB)
8
13
bits
The ADC is a delta-sigma. Effective resolution
depends on sample rate used.
Differential input signal and reference.
Offset
TBD
LSB
Conversion time
20
132
µs
Differential nonlinearity
(DNL)
±0.3
LSB
8-bits setting
Integral nonlinearity (INL)
±0.8
LSB
8-bits setting
SINAD
45
dB
8-bits setting
(sine input)
56
dB
10-bits setting
66
dB
12-bits setting
75
dB
14-bits setting
Table 14: 8-14 bit ADC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com