Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 96 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 96 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 93Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 94Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 95Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 96Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 97Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 98Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 99Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 96 of 232
DMAREQ (0xD7) – DMA Channel Start Request and Status
Bit
Name
Reset
R/W
Description
7:5
-
000
R0
Not used
4
DMAREQ4
0
R/W1
H0
DMA transfer request, channel 4
When set to 1 activate the DMA channel (has the same
effect as a single trigger event.). Only by setting the armed
bit to 0 in the
DMAARM register, can the channel be
stopped if already started.
This bit is cleared when the DMA channel is granted
access.
3
DMAREQ3
0
R/W1
H0
DMA transfer request, channel 3
When set to 1 activate the DMA channel (has the same
effect as a single trigger event.). Only by setting the armed
bit to 0 in the
DMAARM register, can the channel be
stopped if already started.
This bit is cleared when the DMA channel is granted
access.
2
DMAREQ2
0
R/W1
H0
DMA transfer request, channel 2
When set to 1 activate the DMA channel (has the same
effect as a single trigger event.). Only by setting the armed
bit to 0 in the
DMAARM register, can the channel be
stopped if already started.
This bit is cleared when the DMA channel is granted
access.
1
DMAREQ1
0
R/W1
H0
DMA transfer request, channel 1
When set to 1 activate the DMA channel (has the same
effect as a single trigger event.). Only by setting the armed
bit to 0 in the
DMAARM register, can the channel be
stopped if already started.
This bit is cleared when the DMA channel is granted
access.
0
DMAREQ0
0
R/W1
H0
DMA transfer request, channel 0
When set to 1 activate the DMA channel (has the same
effect as a single trigger event.). Only by setting the armed
bit to 0 in the
DMAARM register, can the channel be
stopped if already started.
This bit is cleared when the DMA channel is granted
access.
DMA0CFGH (0xD5) – DMA Channel 0 Configuration Address High Byte
Bit
Name
Reset
R/W
Description
7:0
DMA0CFG[15:8]
0x00
R/W
The DMA channel 0 configuration address, high order
DMA0CFGL (0xD4) – DMA Channel 0 Configuration Address Low Byte
Bit
Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com