Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 45 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 41Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 42Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 43Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 45Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 45 of 232
Register name
SFR
Address
Module
Description
SLEEP
0xBE
PMC
Sleep Mode Control
CLKCON
0xC6
PMC
Clock Control
T1CC0L
0xDA
Timer1
Timer 1 Channel 0 Capture/Compare Value Low
T1CC0H
0xDB
Timer1
Timer 1 Channel 0 Capture/Compare Value High
T1CC1L
0xDC
Timer1
Timer 1 Channel 1 Capture/Compare Value Low
T1CC1H
0xDD
Timer1
Timer 1 Channel 1 Capture/Compare Value High
T1CC2L
0xDE
Timer1
Timer 1 Channel 2 Capture/Compare Value Low
T1CC2H
0xDF
Timer1
Timer 1 Channel 2 Capture/Compare Value High
T1CNTL
0xE2
Timer1
Timer 1 Counter Low
T1CNTH
0xE3
Timer1
Timer 1 Counter High
T1CTL
0xE4
Timer1
Timer 1 Control and Status
T1CCTL0
0xE5
Timer1
Timer 1 Channel 0 Capture/Compare Control
T1CCTL1
0xE6
Timer1
Timer 1 Channel 1 Capture/Compare Control
T1CCTL2
0xE7
Timer1
Timer 1 Channel 2 Capture/Compare Control
T2CMP
0x94
Timer2
Timer 2 Compare Value
T2PEROF0
0x9C
Timer2
Timer 2 Overflow Count Compare 0
T2PEROF1
0x9D
Timer2
Timer 2 Overflow Count Compare 1
T2PEROF2
0x9E
Timer2
Timer 2 Overflow Count Compare 2
T2OF0
0xA1
Timer2
Timer 2 Overflow Count 0
T2OF1
0xA2
Timer2
Timer 2 Overflow Count 1
T2OF2
0xA3
Timer2
Timer 2 Overflow Count 2
T2CAPLPL
0xA4
Timer2
Timer 2 Timer Period Low
T2CAPHPH
0xA5
Timer2
Timer 2 Timer Period High
T2TLD
0xA6
Timer2
Timer 2 Timer Value Low
T2THD
0xA7
Timer2
Timer 2 Timer Value High
T2CNF
0xC3
Timer2
Timer 2 Configuration
T3CNT
0xCA
Timer3
Timer 3 Counter
T3CTL
0xCB
Timer3
Timer 3 Control
T3CCTL0
0xCC
Timer3
Timer 3 Channel 0 Capture/Compare Control
T3CC0
0xCD
Timer3
Timer 3 Channel 0 Capture/Compare Value
T3CCTL1
0xCE
Timer3
Timer 3 Channel 1 Capture/Compare Control
T3CC1
0xCF
Timer3
Timer 3 Channel 1 Capture/Compare Value
T4CNT
0xEA
Timer4
Timer 4 Counter
T4CTL
0xEB
Timer4
Timer 4 Control
T4CCTL0
0xEC
Timer4
Timer 4 Channel 0 Capture/Compare Control
T4CC0
0xED
Timer4
Timer 4 Channel 0 Capture/Compare Value
T4CCTL1
0xEE
Timer4
Timer 4 Channel 1 Capture/Compare Control
T4CC1
0xEF
Timer4
Timer 4 Channel 1 Capture/Compare Value
TIMIF
0xD8
TMINT
Timers 1/3/4 Joint Interrupt Mask/Flags
U0CSR
0x86
USART0
USART 0 Control and Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com