Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 2Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 3Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 4Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 5Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 6Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 7Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 8Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 9Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 6 of 232
1
Abbreviations
ADC
Analog to Digital Converter
AES
Advanced Encryption Standard
AGC
Automatic Gain Control
ARIB
Association of Radio Industries and
Businesses
BCD
Binary Coded Decimal
BER
Bit Error Rate
BOD
Brown Out Detector
BOM
Bill of Materials
CBC
Cipher Block Chaining
CBC-MAC
Cipher Block Chaining Message
Authentication Code
CCA
Clear Channel Assessment
CCM
Counter mode + CBC-MAC
CFB
Cipher Feedback
CFR
Code of Federal Regulations
CMOS
Complementary Metal Oxide
Semiconductor
CPU
Central Processing Unit
CRC
Cyclic Redundancy Check
CSMA-CA
Carrier Sense Multiple Access with
Collision Avoidance
CSP
CSMA/CA Strobe Processor
CTR
Counter mode (encryption)
CW
Continuous Wave
DAC
Digital to Analog Converter
DC
Direct Current
DMA
Direct Memory Access
DSM
Delta Sigma Modulator
DSSS
Direct Sequence Spread Spectrum
ECB
Electronic Code Book (encryption)
EM
Evaluation Module
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
ETSI
European Telecommunications
Standards Institute
EVM
Error Vector Magnitude
FCC
Federal Communications Commission
FCF
Frame Control Field
FCS
Frame Check Sequence
FFCTRL
FIFO and Frame Control
FIFO
First In First Out
HSSD
High Speed Serial Data
I/O
Input / Output
I/Q
In-phase / Quadrature-phase
IEEE
Institute of Electrical and Electronics
Engineers
IF
Intermediate Frequency
IOC
I/O Controller
ISM
Industrial, Scientific and Medical
ITU-T
International Telecommunication Union
– Telecommunication Standardization
Sector
IV
Initialization Vector
IRQ
Interrupt Request
JEDEC
Joint Electron Device Engineering
Council
KB
1024 bytes
kbps
kilo bits per second
LC
Inductor-capacitor
LFSR
Linear Feedback Shift Register
LNA
Low-Noise Amplifier
LO
Local Oscillator
LQI
Link Quality Indication
LSB
Least Significant Bit / Byte
LSB
Least Significant Byte
MAC
Medium Access Control
MAC
Message Authentication Code
MCU
Microcontroller Unit
MFR
MAC Footer
MHR
MAC Header
MIC
Message Integrity Code
MISO
Master In Slave Out
MPDU
MAC Protocol Data Unit
MOSI
Master Out Slave In
MSB
Most Significant Byte
MSDU
MAC Service Data Unit
MUX
Multiplexer
NA
Not Available
NC
Not Connected
OFB
Output Feedback (encryption)
O-QPSK
Offset - Quadrature Phase Shift Keying
PA
Power Amplifier
PCB
Printed Circuit Board
PER
Packet Error Rate
PHR
PHY Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com