Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 134 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 134 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 130Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 131Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 132Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 133Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 134Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 135Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 136Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 137Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 134 of 232
unrolling is used, so that a new byte can
be written to RNDH every clock cycle.
Note that the LFSR must be properly
seeded by writing to RNDL, before the
CRC calculations start. Usually the seed
value should be 0x0000 or 0xFFFF.
13.8.3 Random Number Generator Registers
This section describes the Random Number Generator registers.
RNDL (0xBC) – Random Number Generator Data Low Byte
Bit
Name
Reset
R/W
Description
[7:0]
RNDL[7:0]
0xFF
R/W
Random value/seed or CRC result, low byte
When used for random number generation writing this register
twice will seed the random number generator. Writing to this
register copies the 8 LSBs of the LFSR to the 8 MSBs and
replaces the 8 LSBs with the data value written.
The value returned when reading from this register is the 8 LSBs
of the LSFR.
When used for random number generation, reading this register
returns the 8 LSBs of the random number. When used for CRC
calculations, reading this register returns the 8 LSBs of the CRC
result.
RNDH (0xBD) – Random Number Generator Data High Byte
Bit
Name
Reset
R/W
Description
[7:0]
RNDH[7:0]
0xFF
R/W
Random value or CRC result/input data, high byte
When written, a CRC16 calculation will be triggered, and the data
value written is processed starting with the MSB bit.
The value returned when reading from this register is the 8 MSBs
of the LSFR.
When used for random number generation, reading this register
returns the 8 MSBs of the random number. When used for CRC
calculations, reading this register returns the 8 MSBs of the CRC
result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com