Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 139 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 139 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 135Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 136Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 137Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 138Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 139Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 140Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 141Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 142Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 139 of 232
ENCCS (0xB3) – Encryption Control and Status
Bit
Name
Reset
R/W
Description
7
-
0
R0
Not used, always read as 0
Encryption/decryption mode
000
CBC
001
CFB
010
OFB
011
CTR
100
ECB
101
CBC MAC
110
Not used
6:4
MODE[2:0]
000
R/W
111
Not used
Encryption/decryption ready status
0
Encryption/decryption in progress
3
RDY
1
R
1
Encryption/decryption is completed
Command to be performed when a 1 is written to
ST.
00
encrypt block
01
decrypt block
10
load key
2:1
CMD[1:0]
0
R/W
11
load IV/nonce
0
ST
0
R/W1
H0
Start processing command set by CMD. Must be issued for each
command or 128 bits block of data. Cleared by hardware
ENCDI (0xB1) – Encryption Input Data
Bit
Name
Reset
R/W
Description
7:0
DIN[7:0]
0x00
R/W
Encryption input data
ENCDO (0xB2) – Encryption Output Data
Bit
Name
Reset
R/W
Description
7:0
DOUT[7:0]
0x00
R/W
Encryption output data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com