Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 147 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 147 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 143Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 144Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 145Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 147Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 148Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 149Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 150Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 147 of 232
13.13 USART
USART0
and
USART1
are
serial
communications interfaces that can be
operated
separately
in
either
asynchronous
UART
mode
or
in
synchronous SPI mode. The two USARTs
have identical function, and are assigned
to separate I/O pins. Refer to section 13.1
for I/O configuration.
13.13.1 UART mode
For asynchronous serial interfaces, the
UART mode is provided. In the UART
mode the interface uses a two-wire or
four-wire interface consisting of the pins
RXD, TXD and optionally RTS and CTS.
The UART mode of operation includes the
following features:
•
8 or 9 data bits
•
Odd, even or no parity
•
Configurable start and stop bit level
•
Configurable LSB or MSB first transfer
•
Independent receive and transmit
interrupts
•
Independent receive and transmit
DMA triggers
•
Parity and framing error status
The UART mode provides full duplex
asynchronous
transfers,
and
the
synchronization of bits in the receiver does
not interfere with the transmit function. A
UART byte transfer consists of a start bit,
eight data bits, an optional ninth data or
parity bit, and one or two stop bits. Note
that the data transferred is referred to as a
byte, although the data can actually
consist of eight or nine bits.
The UART operation is controlled by the
USART Control and Status registers,
UxCSR and the UART Control register
UxUCR where x is the USART number, 0
or 1.
The UART mode is selected when
UxCSR.MODE is set to 1.
13.13.1.1 UART Transmit
A UART transmission is initiated when the
USART Receive/transmit Data Buffer,
UxDBUF register is written. The byte is
transmitted on TXDx output pin. The
UxDBUF register is double-buffered.
The UxCSR.ACTIVE bit goes high when
the byte transmission starts and low when
it ends. When the transmission ends, the
UxCSR.TX_BYTE bit is set to 1. An
interrupt request is generated when the
UxDBUF register is ready to accept new
transmit data. This happens immediately
after the transmission has been started,
hence a new data byte value can be
loaded into the data buffer while the byte
is being transmitted.
13.13.1.2 UART Receive
Data reception on the UART is initiated
when a 1 is written to the UxCSR.RE bit.
The UART will then search for a valid start
bit on the RXDx input pin and set the
UxCSR.ACTIVE bit high. When a valid
start bit has been detected the received
byte is shifted into the receive register.
The UxCSR.RX_BYTE bit is set and a
receive interrupt is generated when the
operation has completed. At the same
time UxCSR.ACTIVE will go low.
The received data byte is available
through the UxDBUF register. When
UxDBUF is read, UxCSR.RX_BYTE is
cleared by hardware.
13.13.1.3 UART Hardware Flow Control
Hardware flow control is enabled when the
UxUCR.FLOW bit is set to 1. The RTS
output will then be driven low when the
receive register is empty and reception is
enabled. Transmission of a byte will not
occur before the CTS input goes low.
13.13.1.4 UART Character Format
If the BIT9 and PARITY bits in register
UxUCR are set high, parity generation and
detection is enabled. The parity is
computed and transmitted as the ninth bit,
and during reception, the parity is
computed and compared to the received
ninth bit. If there is a parity error, the
UxCSR.ERR bit is set high. This bit is
cleared when UxCSR is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com