Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 157 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 157 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 153Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 154Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 155Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 156Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 160Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 157 of 232
13.14 Flash Controller
The
CC2430 contains 32, 64 or 128 KB
flash memory for storage of program code.
The flash memory is programmable from
the user software.
The Flash Controller handles writing and
erasing the embedded flash memory. The
embedded flash memory consists of 64
pages of 2048 bytes each (CC2430-F128).
The flash memory is byte-addressable
from
the
CPU
and
32-bit
word-
programmable.
The flash controller has the following
features:
•
32-bit word programmable
•
Page erase
•
Lock bits for write-protection and code
security
•
Flash erase timing 20 ms
•
Flash write timing (4 bytes) 20 µs
•
Auto
power-down
during
low-
frequency CPU clock read access
13.14.1 Flash Write
Data is written to the flash memory by
using a program command initiated by
writing the Flash Control register, FCTL.
Flash write operations can program any
number of locations in the flash memory at
a time – it is however important to make
sure the pages to be written are erased
first.
A write operation is performed using one
out of two methods;
•
Through DMA transfer
•
Through CPU SFR access.
The DMA transfer method is the preferred
way to write to the flash memory.
A write operation is initiated by writing a 1
to FCTL.WRITE. The address to start
writing at, is given by FADDRH:FADDRL.
During
each
single,
write
operation
FCTL.SWBSY is set high. During a write,
operation the data written to the FWDATA
register is forwarded to the flash memory.
The
flash
memory
is
32-bit
word-
programmable, meaning data is written as
32-bit words. Therefore, the actual writing
to flash memory takes place each time
four bytes have been written to FWDATA.
The CPU will not be able to access the
flash, e.g. to read program code, while a
flash write operation is in progress.
Therefore the program code executing the
flash write must be executed from RAM,
meaning that the program code must
reside in the area 0xE000 to 0xFF00 in
CODE memory space.
When a flash write operation is executed
from RAM, the CPU continues to execute
code from the next instruction after the
write to FWDATA, which initiated the flash
write operation.
The FCTL.SWBSY bit must be 0 before
accessing the flash after a flash write,
otherwise an access violation occurs. This
also means that FCTL.SWBSY must be 0
before program execution can continue at
a location in flash memory.
13.14.1.1 DMA Flash Write
When using DMA write operations, the
data to be written into flash is stored in
Data/XDATA memory. A DMA channel is
configured to read the data to be written
from memory and write this data to the
Flash Write Data register, FWDATA, with
the DMA trigger event FLASH enabled.
Thus the Flash Controller will trigger a
DMA transfer when the Flash Write Data
register, FWDATA, is ready to receive new
data. The DMA channel should be
configured to perform a block to fixed,
single mode, byte size transfers.
When the DMA channel is armed, starting
a flash write will trigger the first DMA
transfer.
Figure 34 shows an example how a DMA
channel is configured and how a DMA
transfer is initiated to write a block of data
from a location in XDATA to flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com