Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 170 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 170 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 166Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 167Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 170 of 232
RFD (0xD9) – RF Data
Bit
Name
Reset
R/W
Description
7:0
RFD[7:0]
0x00
R/W
Data written to the register is written to the
TXFIFO. When reading this register, data from the
RXFIFO is read
14.6 DMA
It is possible, and in most cases
recommended, to use direct memory
access (DMA) to move data between
memory and the radio. The DMA controller
is described in section 13.2. Refer to this
section for a detailed description on how to
setup and use DMA transfers.
To support the DMA controller there is one
DMA trigger associated with the radio, this
is the RADIO DMA trigger (DMA trigger
19). The RADIO DMA trigger is activated
by two events. The first event to cause a
RADIO DMA trigger, is when the first data
is present in the RXFIFO, i.e. when the
RXFIFO goes from the empty state to the
non-empty state. The second event that
causes a RADIO DMA trigger, is when
data is read from the RXFIFO (through
RFD SFR register) and there is still more
data available in the RXFIFO.
14.7 Receive mode
In receive mode, the interrupt flag
RFIF.IRQ_SFD goes high and the RF
interrupt is requested after the start of
frame delimiter (SFD) field has been
completely received. If address recognition
is
disabled
or
is
successful,
the
RFSTATUS.SFD bit goes low again only
after the last byte of the MPDU has been
received. If the received frame fails
address recognition, the RFSTATUS.SFD
bit goes low immediately. This is illustrated
in Figure 41.
The RFSTATUS.FIFO bit is high when
there is one or more data bytes in the
RXFIFO. The first byte to be stored in the
RXFIFO is the length field of the received
frame, i.e. the RFSTATUS.FIFO bit is set
high when the length field is written to the
RXFIFO. The RFSTATUS.FIFO bit then
remains high until the RXFIFO is empty.
The RF register RXFIFOCNT contains the
number of bytes present in the RXFIFO.
The RFSTATUS.FIFOP bit is high when
the number of unread bytes in the RXFIFO
exceeds the threshold programmed into
IOCFG0.FIFOP_THR.
When
address
recognition
is
enabled
the
RFSTATUS.FIFOP bit will not go high until
the incoming frame passes address
recognition, even if the number of bytes in
the RXFIFO exceeds the programmed
threshold.
The RFSTATUS.FIFOP bit will also go
high when the last byte of a new packet is
received, even if the threshold is not
exceeded. If so the RFSTATUS.FIFOP bit
will go back to low once one byte has
been read out of the RXFIFO.
When address recognition is enabled, data
should not be read out of the RXFIFO
before the address is completely received,
since the frame may be automatically
flushed by
CC2430 if it fails address
recognition. This may be handled by using
the RFSTATUS.FIFOP bit, since this bit
does not go high until the frame passes
address recognition.
Figure 42 shows an example of status bit
activity when reading a packet from the
RXFIFO. In this example, the packet size
is 8 bytes, IOCFG0.FIFOP_THR = 3 and
MODEMCTRL0.AUTOCRC is set. The length
will be 8 bytes, RSSI will contain the
average RSSI level during receiving of the
packet and FCS/corr contain information
of FCS check result and the correlation
levels.
14.8 RXFIFO overflow
The RXFIFO can only contain a maximum
of 128 bytes at a given time. This may be
divided between multiple frames, as long
as the total number of bytes is 128 or less.
If an overflow occurs in the RXFIFO, this is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com