Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 197 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 197 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 193Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 194Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 195Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 196Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 197Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 198Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 199Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 200Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 197 of 232
14.34.8.13
STOP
Function:
Stop program execution
Description:
The SSTOP instruction
stops the CSP program execution. The
instruction memory is cleared, any loop
start location set by the LABEL instruction
is invalidated and the IRQ_CSP_STOP
interrupt flag is asserted.
Operation:
Stop execution, PC := 0,
write pointer := 0
Opcode:
7
6
5
4
3
2
1
0
1
1
0
1
1
1
1
1
14.34.8.14
SNOP
Function:
No Operation
Description:
Operation continues at the
next instruction.
Operation:
PC := PC+1
Opcode:
7
6
5
4
3
2
1
0
1
1
0
0
0
0
0
0
14.34.8.15
STXCALN
Function:
Enable
and
calibrate
frequency synthesizer for TX.
Note this instruction is for test purposes
only (see section 14.20).
Description:
The STXCALN instruction
enables
and
calibrate
frequency
synthesizer for TX. The instruction waits
for the radio to acknowledge the command
before executing the next instruction.
Operation:
STXCALN
Opcode:
7
6
5
4
3
2
1
0
1
1
0
0
0
0
0
1
14.34.8.16
SRXON
Function:
Enable
and
calibrate
frequency synthesizer for RX
Description:
The SRXON instruction
asserts the output FFCTL_SRXON_STRB
to
enable
and
calibrate
frequency
synthesizer for RX. The instruction waits
for the radio to acknowledge the command
before executing the next instruction.
Operation:
SRXON
Opcode:
7
6
5
4
3
2
1
0
1
1
0
0
0
0
1
0
14.34.8.17
STXON
Function:
Enable
TX
after
calibration
Description:
The STXON instruction
enables
TX
after
calibration.
The
instruction
waits
for
the
radio
to
acknowledge
the
command
before
executing the next instruction.
Operation:
STXON
Opcode:
7
6
5
4
3
2
1
0
1
1
0
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com