Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 27 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 23Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 25Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 26Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 27Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 28Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 29Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 30Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 27 of 232
and
three
individually
programmable
counter/capture channels each with a 16-bit
compare value. Each of the counter/capture
channels can be used as PWM outputs or to
capture the timing of edges on input signals.
See section 13.3 for details.
Timer 2 (MAC timer) is specially designed for
supporting an IEEE 802.15.4 MAC or other
time-slotted protocols in software. The timer
has a configurable timer period and an 8-bit
overflow counter that can be used to keep
track of the number of periods that have
transpired. There is also a 16-bit capture
register used to record the exact time at which
a
start
of
frame
delimiter
is
received/transmitted or the exact time of which
transmission ends, as well as a 16-bit output
compare register that can produce various
command strobes (start RX, start TX, etc) at
specific times to the radio modules. See
section 13.4 for details.
Timers 3 and 4 are 8-bit timers with
timer/counter/PWM functionality. They have a
programmable prescaler, an 8-bit period value
and
one
programmable
counter/capture
channel with a 8-bit compare value. Each of
the counter/capture channels can be used as
PWM outputs or to capture the timing of edges
on input signals. See section 13.6 for details.
USART 0 and 1 are each configurable as
either an SPI master/slave or a UART. They
provide double buffering on both RX and TX
and hardware flow-control and are thus well
suited
to
high-throughput
full-duplex
applications. Each has its own high-precision
baud-rate generator thus leaving the ordinary
timers free for other uses. When configured as
an SPI slave they sample the input signal
using SCK directly instead of some over-
sampling scheme and are thus well-suited to
high data rates. See section 13.13 for details.
The AES encryption/decryption core allows
the user to encrypt and decrypt data using the
AES algorithm with 128-bit keys. The core is
able to support the AES operations required
by IEEE 802.15.4 MAC security, the ZigBee™
network layer and the application layer. See
section 13.9 for details.
The ADC supports 8 to 14 bits of resolution in
a 30 kHz to 4 kHz bandwidth respectively. DC
and audio conversion with up to 8 input
channels (Port 0) is possible. The inputs can
be selected as single ended or differential.
The reference voltage can be internal, AVDD,
or a single ended or differential external signal.
The ADC also has a temperature sensor input
channel. The ADC can automate the process
of periodic sampling or conversion over a
sequence of channels. See Section 13.7 for
details.
9.2
Radio
CC2430 features an IEEE 802.15.4 compliant
radio
based
on
the
leading
CC2420
transceiver. See Section 14 for details.
Device
Flash
CC2430-F32
32 KB
CC2430-F64
64 KB
CC2430-F128
128 KB
Table 22: CC2430 Flash Memory Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com