Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 8Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 9Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 10Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 11Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 12Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 13Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 14Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 15Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 12 of 232
7
Electrical Specifications
TA=25°C, VDD=3.0V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition
Power On Reset Voltage
1.1
V
Monitors the unregulated supply
Current Consumption
MCU Active Mode, static
492
µA
Digital regulator on, High Speed RCOSC running.
No radio, crystals, or peripherals.
MCU Active Mode, dynamic
210
µA/MHz
Digital regulator on, High Speed RCOSC running.
No radio, crystals, or peripherals.
MCU Active Mode, highest speed
7.0
mA
MCU running at full speed (32MHz), 32MHz XOSC
running. No peripherals.
MCU Active and RX Mode
27
mA
MCU running at full speed (32MHz), 32MHz XOSC
running, radio in RX mode. No peripherals.
MCU Active and TX Mode, 0dBm
24.7
mA
MCU running at full speed (32MHz), 32MHz XOSC
running, radio in TX mode. No peripherals.
Power mode 1
296
µA
Digital regulator on, High Speed RCOSC and crystal
oscillator off. 32.768kHz XOSC, POR and ST active.
RAM retention.
Power mode 2
0.9
µA
Digital regulator off, High Speed RCOSC and crystal
oscillator off. 32.768kHz XOSC, POR and ST active.
RAM retention.
Power mode 3
0.6
µA
No clocks. RAM retention. Power On Reset (POR)
active.
Peripheral Current
Consumption
Adds to the figures above if the peripheral unit is
activated
Timer 1
10
µA/MHz When enabled
Timer 2
10
µA/MHz When enabled
Timer 3
10
µA/MHz When enabled
Timer 4
10
µA/MHz When enabled
Sleep Timer
0.5
µA
Including low-power RC oscillator or 32.768kHz XOSC
AES
50
µA/MHz When encrypting/decrypting
ADC
0.9
mA
When converting
USART1 / USART2
12
µA/MHz
For each USART in use.
Not including current for driving I/O pins.
DMA
30
µA/MHz When operating, not including current for memory access
Flash write
3
mA
Table 4: Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com