Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 9Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 10Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 11Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 12Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 13Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 14Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 15Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 16Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 13 of 232
7.1
General Characteristics
TA=25°C, VDD=3.0V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Wake-Up and Timing
Power mode 1
power
mode 0
2
µs
Digital regulator on, High Speed RCOSC
and crystal oscillator off. Start-up of High
Speed RCOSC.
Power mode 2 or 3
power
mode 0
54
µs
Digital regulator off, High Speed RCOSC
and crystal oscillator off. Start-up of
regulator and High Speed RCOSC.
Active
RX
32MHz XOSC initially OFF.
Voltage regulator initially OFF
450
µs
Time from enabling radio part in power
mode 0, until RX starts. Includes start-up
of voltage regulator and crystal oscillator.
Crystal ESR=16
Ω.
Active
TX
32MHz XOSC initially OFF.
Voltage regulator initially OFF
525
µs
Time from enabling radio part in power
mode 0, until TX starts. Includes start-up
of voltage regulator and crystal oscillator.
Crystal ESR=16
Ω.
Active
RX
Voltage regulator initially OFF
250
µs
Time from enabling radio part in power
mode 0, until RX starts. Includes start-up
of voltage regulator.
Active
TX
Voltage regulator initially OFF
320
µs
Time from enabling radio part in power
mode 0, until TX starts. Includes start-up
of voltage regulator.
Active
RX or TX
192
µs
Radio part already enabled.
Time until RX or TX starts.
RX/TX turnaround
192
µs
Radio part
RF Frequency Range
2400
2483.5
MHz
Programmable in 1 MHz steps, 5 MHz
steps for compliance with [1]
Radio bit rate
250
kbps
As defined by [1]
Radio chip rate
2.0
MChip/s
As defined by [1]
Table 5: General Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com