Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 1 Page - Texas Instruments

  CC2430-RTR1-F32 Datasheet HTML 1Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 2Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 3Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 4Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 5Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 6Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 7Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 8Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 1 of 232
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
Applications
• 2.4 GHz IEEE 802.15.4 systems
• ZigBee™ systems
• Home/building automation
• Industrial Control and Monitoring
• Low power wireless sensor networks
• PC peripherals
• Set-top boxes and remote controls
• Consumer Electronics
Product Description
The
CC2430 comes in three different versions:
CC2430-F32/64/128, with 32/64/128 KB of
flash memory respectively. The
CC2430 is a
true
System-on-Chip
(SoC)
solution
specifically tailored for IEEE 802.15.4 and
ZigBee™ applications. It enables ZigBee™
nodes to be built with very low total bill-of-
material costs. The
CC2430 combines the
excellent performance of the leading
CC2420
RF transceiver with an industry-standard
enhanced 8051 MCU, 32/64/128 KB flash
memory, 8 KB RAM and many other powerful
features. Combined with the industry leading
ZigBee™ protocol stack (Z-Stack) from Figure
8 Wireless / Chipcon, the
CC2430 provides the
market’s most competitive ZigBee™ solution.
The
CC2430 is highly suited for systems where
ultra low power consumption is required. This
is ensured by various operating modes. Short
transition times between operating modes
further ensure low power consumption.
This data sheet contains preliminary data, and supplementary data will be published at a later date. Chipcon
reserves the right to make changes at any time without notice in order to improve design and supply the best
possible product. The product is not yet fully qualified at this point.
Key Features
High performance and low power 8051
microcontroller core.
2.4
GHz
IEEE
802.15.4
compliant
RF
transceiver (industry leading
CC2420 radio
core).
Excellent receiver sensitivity and robustness to
interferers
32, 64 or 128 KB in-system programmable
flash
8 KB RAM, 4 KB with data retention in all
power modes
Powerful DMA functionality
Very few external components
Only a single crystal needed for mesh network
systems
Low current consumption (RX: 27mA, TX:
25mA, microcontroller running at 32 MHz)
Only 0.9µA current consumption in power-down
mode, where external interrupts or the RTC
can wake up the system
Less than 0.6µA current consumption in stand-
by mode, where external interrupts can wake
up the system
Very fast transition times from low-power
modes to active mode enables ultra low
average power consumption in low duty-cycle
systems
CSMA/CA hardware support.
Wide supply voltage range (2.0V – 3.6V)
Digital RSSI / LQI support
Battery monitor and temperature sensor.
8-14 bits ADC with up to eight inputs
AES security coprocessor
Two powerful USARTs with support for several
serial protocols.
Watchdog timer


Similar Part No. - CC2430-RTR1-F32

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI2-CC2430 Datasheet
1Mb / 217P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee®
rev. 2.1
logo
TEXAS ADVANCED OPTOELEC...
CC2430DB TAOS-CC2430DB Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
CC2430DK TAOS-CC2430DK Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
CC2430EMK TAOS-CC2430EMK Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
More results

Similar Description - CC2430-RTR1-F32

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com