Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 44 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 40Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 41Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 42Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 43Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 45Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 44 of 232
Register name
SFR
Address
Module
Description
RNDH
0xBD
ADC
Random Number Generator Data High
ENCDI
0xB1
AES
Encryption/Decryption Input Data
ENCDO
0xB2
AES
Encryption/Decryption Output Data
ENCCS
0xB3
AES
Encryption/Decryption Control and Status
DMAIRQ
0xD1
DMA
DMA Interrupt Flag
DMA1CFGL
0xD2
DMA
DMA Channel 1-4 Configuration Address Low
DMA1CFGH
0xD3
DMA
DMA Channel 1-4 Configuration Address High
DMA0CFGL
0xD4
DMA
DMA Channel 0 Configuration Address Low
DMA0CFGH
0xD5
DMA
DMA Channel 0 Configuration Address High
DMAARM
0xD6
DMA
DMA Channel Armed
DMAREQ
0xD7
DMA
DMA Channel Start Request and Status
FWT
0xAB
FLASH
Flash Write Timing
FADDRL
0xAC
FLASH
Flash Address Low
FADDRH
0xAD
FLASH
Flash Address High
FCTL
0xAE
FLASH
Flash Control
FWDATA
0xAF
FLASH
Flash Write Data
P0IFG
0x89
IOC
Port 0 Interrupt Status Flag
P1IFG
0x8A
IOC
Port 1 Interrupt Status Flag
P2IFG
0x8B
IOC
Port 2 Interrupt Status Flag
PICTL
0x8C
IOC
Port Pins Interrupt Mask and Edge
P1IEN
0x8D
IOC
Port 1 Interrupt Mask
P0INP
0x8F
IOC
Port 0 Input Mode
PERCFG
0xF1
IOC
Peripheral I/O Control
ADCCFG
0xF2
IOC
ADC Input Configuration
P0SEL
0xF3
IOC
Port 0 Function Select
P1SEL
0xF4
IOC
Port 1 Function Select
P2SEL
0xF5
IOC
Port 2 Function Select
P1INP
0xF6
IOC
Port 1 Input Mode
P2INP
0xF7
IOC
Port 2 Input Mode
P0DIR
0xFD
IOC
Port 0 Direction
P1DIR
0xFE
IOC
Port 1 Direction
P2DIR
0xFF
IOC
Port 2 Direction
MEMCTR
0xC7
MEMORY
Memory System Control
RFIM
0x91
RF
RF Interrupt Mask
RFD
0xD9
RF
RF Data
RFST
0xE1
RF
RF Command Strobe
RFIF
0xE9
RF
RF Interrupt flags
ST0
0x95
ST
Sleep Timer 0
ST1
0x96
ST
Sleep Timer 1
ST2
0x97
ST
Sleep Timer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com