Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 84 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 84 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 80Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 81Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 82Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 83Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 84Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 85Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 86Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 87Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 84 of 232
P2IFG (0x8B) – Port 2 Interrupt Status Flag
Bit
Name
Reset
R/W
Description
7:5
-
000
R0
Not used.
4:0
P2IF[4:0]
0x00
R/W0
Port 2, inputs 4 to 0 interrupt status flags. When an input port pin
has an interrupt request pending, the corresponding flag bit will be
set.
PICTL (0x8C) – Port Interrupt Control
Bit
Name
Reset
R/W
Description
7
-
0
R0
Not used
6
PADSC
0
R/W
Strength control for port pads in output mode. Selects output drive
capability to account for low I/O supply voltage on pin DVDD.
0 Minimum drive capability
1 Maximum drive capability
Port 2, inputs 4 to 0 interrupt enable. This bit enables interrupt
requests for the port 2 inputs 4 to 0.
0
Interrupts are disabled
5
P2IEN
0
R/W
1
Interrupts are enabled
Port 0, inputs 7 to 4 interrupt enable. This bit enables interrupt
requests for the port 0 inputs 7 to 4.
0
Interrupts are disabled
4
P0IENH
0
R/W
1
Interrupts are enabled
Port 0, inputs 3 to 0 interrupt enable. This bit enables interrupt
requests for the port 0 inputs 3 to 0.
0
Interrupts are disabled
3
P0IENL
0
R/W
1
Interrupts are enabled
Port 2, inputs 4 to 0 interrupt configuration. This bit selects the
interrupt request condition for all port 2 inputs
0
Rising edge on input gives interrupt
2
P2ICON
0
R/W
1
Falling edge on input gives interrupt
Port 1, inputs 7 to 0 interrupt configuration. This bit selects the
interrupt request condition for all port 1 inputs
0
Rising edge on input gives interrupt
1
P1ICON
0
R/W
1
Falling edge on input gives interrupt
Port 0, inputs 7 to 0 interrupt configuration. This bit selects the
interrupt request condition for all port 0 inputs
0
Rising edge on input gives interrupt
0
P0ICON
0
R/W
1
Falling edge on input gives interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com