Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 60Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 61Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 62Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 63Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 64Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 65Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 66Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 67Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 64 of 232
Command
Instruction code
Description
CHIP_ERASE
0001 0x00
Perform flash chip erase (mass erase) and clear lock bits. If any other
command, except READ_STATUS, is issued, then the use of
CHIP_ERASE is disabled.
WR_CONFIG
0001 1x01
Write configuration data. Refer to Table 34
RD_CONFIG
0010 0100
Read configuration data. Returns value set by WR_CONFIG command.
GET_PC
0010 1000
Return value of 16-bit program counter. Returns 2 bytes regardless of
value of bit 2 in instruction code
READ_STATUS
0011 0x00
Read status byte. Refer to Table 35
SET_HW_BRKPNT
0011 1x11
Set hardware breakpoint
HALT
0100 0100
Halt CPU operation
RESUME
0100 1100
Resume CPU operation. The CPU must be in halted state for this
command to be run.
DEBUG_INSTR
0101 01xx
Run debug instruction. The supplied instruction will be executed by the
CPU without incrementing the program counter. The CPU must be in
halted state for this command to be run.
STEP_INSTR
0101 1100
Step CPU instruction. The CPU will execute the next instruction from
program memory and increment the program counter after execution.
The CPU must be in halted state for this command to be run.
STEP_REPLACE
0110 01xx
Step and replace CPU instruction. The supplied instruction will be
executed by the CPU instead of the next instruction in program memory.
The program counter will be incremented after execution. The CPU must
be in halted state for this command to be run.
GET_CHIP_ID
0110 1000
Return value of 16-bit chip ID and version number. Returns 2 bytes
regardless of value of bit 2 of instruction code
Table 33: Debug Commands
Bit
Name
Description
7-4
-
Not used
Disable timers. Disable timer operation
0 Do not disable timers
3
timers_off
1 Disable timers
DMA pause
0 Enable DMA transfers
2
DMA_pause
1 Pause all DMA transfers
Suspend timers. Timer operation is suspended for debug
instructions and if a step instruction is a branch. If not
suspended these instructions would result an extra timer
count during the clock cycle in which the branch is
executed
0 Do not suspend timers
1
timer_suspend
1 Suspend timers
Select flash information page
0 Select flash main page
0
sel_flash_info_page
1 Select flash information page
Table 34: Debug Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com