Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 23 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 19Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 20Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 21Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 22Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 23Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 25Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 26Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 23 of 232
8
Pin and I/O Port Configuration
The
CC2430 pinout is shown in Figure 4 and Table 21. See section 13.1 for details on the
configuration of digital I/O ports.
AGND
Exposed die
attached pad
48 47 46 45 44 43 42
7
6
5
4
3
2
1
36
35
34
33
32
31
30
13 14 15 16 17 18 19
RESET_N
P1_6
P1_5
P1_4
P1_3
DVDD
AVDD_PRE
RF_P
RF_N
AVDD_SW
AVDD_RF1
TXRX_SWITCH
AVDD_RF2
29
28
27
26
25 AVDD_IF1
AVDD_CHP
VCO_GUARD
RBIAS2
AVDD_VCO
20 21 22 23 24
P1_2
12
11
10
9
8
P1_1
P1_0
P0_0
P0_1
41 40 39 38 37
P1_7
Figure 4: Pinout top view
Note: The exposed die attach pad must be connected to a solid ground plane as this is the
ground connection for the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com