Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 60 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 56Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 57Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 58Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 59Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 60Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 61Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 62Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 63Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 60 of 232
IRCON2 (0xE8) – Interrupt Flags 5
Bit
Name
Reset
R/W
Description
7:5
-
00
R/W
Not used
WDTIF – Watchdog timer interrupt flag.
0
Interrupt not pending
4
WDTIF
0
R/W
1
Interrupt pending
P1IF – Port 1 interrupt flag.
0
Interrupt not pending
3
P1IF
0
R/W
1
Interrupt pending
UTX1IF – USART1 TX interrupt flag.
0
Interrupt not pending
2
UTX1IF
0
R/W
1
Interrupt pending
UTX0IF – USART0 TX interrupt flag.
0
Interrupt not pending
1
UTX0IF
0
R/W
1
Interrupt pending
P2IF – Port2 interrupt flag.
0
Interrupt not pending
0
P2IF
0
R/W
1
Interrupt pending
12.7.3 Interrupt Priority
The interrupts are grouped into six interrupt
priority groups and the priority for each group
is set by the registers IP0 and IP1. In order to
assign a higher priority to an interrupt, i.e. to its
interrupt group, the corresponding bits in IP0
and IP1 must be set as shown in Table 30 on
page 61.
The interrupt priority groups with assigned
interrupt sources are shown in Table 31. Each
group is assigned one of four priority levels.
While an interrupt service request is in
progress, it cannot be interrupted by a lower or
same level interrupt.
In the case when interrupt requests of the
same
priority
level
are
received
simultaneously, the polling sequence shown in
Table 32 is used to resolve the priority of each
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com