Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 106 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 106 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 102Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 103Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 104Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 105Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 106Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 107Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 108Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 109Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 106 of 232
T1CNTH (0xE3) – Timer 1 Counter High
Bit
Name
Reset
R/W
Description
7:0
CNT[15:8]
0x00
R
Timer count high order byte. Contains the high byte of the 16-bit
timer counter buffered at the time T1CNTL is read.
T1CNTL (0xE2) – Timer 1 Counter Low
Bit
Name
Reset
R/W
Description
7:0
CNT[7:0]
0x00
R/W
Timer count low order byte. Contains the low byte of the 16-bit
timer counter. Writing anything to this register results in the
counter being cleared to 0x0000.
T1CTL (0xE4) – Timer 1 Control and Status
Bit
Name
Reset
R/W
Description
7
CH2IF
0
R/W0
Timer 1 channel 2 interrupt flag. Set when the channel 2 interrupt
condition occurs. Writing a 1 has no effect.
6
CH1IF
0
R/W0
Timer 1 channel 1 interrupt flag. Set when the channel 1 interrupt
condition occurs. Writing a 1 has no effect.
5
CH0IF
0
R/W0
Timer 1 channel 0 interrupt flag. Set when the channel 0 interrupt
condition occurs. Writing a 1 has no effect.
4
OVFIF
0
R/W0
Timer 1 counter overflow interrupt flag. Set when the counter
reaches the terminal count value in free-running or modulo mode.
Writing a 1 has no effect.
Prescaler divider value. Generates the active clock edge used to
update the counter as follows:
00
Tick frequency/1
01
Tick frequency/8
10
Tick frequency/32
3:2
DIV[1:0]
00
R/W
11
Tick frequency/128
Timer 1 mode select. The timer operating mode is selected as
follows:
00
Operation is suspended
01
Free-running, repeatedly count from 0x0000 to 0xFFFF
10
Modulo, repeatedly count from 0x0000 to
T1CC0
1:0
MODE[1:0]
00
R/W
11
Up/down, repeatedly count from 0x0000 to
T1CC0 and
from
T1CC0 down to 0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com