Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 150 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 150 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 147Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 148Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 149Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 150Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 151Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 152Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 153Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 150 of 232
interrupt
enables
and
flags
are
summarized below.
Interrupt enables:
•
USART0 RX : IEN0.URX0IE
•
USART1 RX : IEN0.URX1IE
•
USART0 TX : IEN2.UTX0IE
•
USART1 TX : IEN2.UTX1IE
Interrupt flags:
•
USART0 RX : TCON.URX0IF
•
USART1 RX : TCON.URX1IF
•
USART0 TX : IRCON2.UTX0IF
•
USART1 TX : IRCON2.UTX1IF
13.13.7 USART DMA Triggers
There are two DMA triggers associated
with each USART. The DMA triggers are
activated by RX complete and TX
complete events i.e. the same events as
the USART interrupt requests. A DMA
channel can be configured using a USART
Receive/transmit
buffer,
UxDBUF,
as
source or destination address.
Refer to Table 37 on page 92 for an
overview of the DMA triggers.
13.13.8 USART Registers
The registers for the USART are described
in this section. For each USART there are
five registers consisting of the following (x
refers to USART number i.e. 0 or 1):
•
UxCSR USART x Control and Status
•
UxUCR USART x UART Control
•
UxGCR USART x Generic Control
•
UxDBUF USART x Receive/Transmit
data buffer
•
UxBAUD USART x Baud Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com