Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 168 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 168 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 164Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 165Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 166Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 167Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 168 of 232
RFIF (0xE9) – RF Interrupt Flags
Bit
Name
Reset
R/W
Description
Voltage regulator for radio has been turned on
0
No interrupt pending
7
IRQ_RREG_ON
0
R/W0
1
Interrupt pending
TX completed with packet sent
0
No interrupt pending
6
IRQ_TXDONE
0
R/W0
1
Interrupt pending
Number of bytes in RXFIFO is above threshold set by
IOCFG0.FIFOP_THR
0
No interrupt pending
5
IRQ_FIFOP
0
R/W0
1
Interrupt pending
Start of frame delimiter (SFD) has been detected
0
No interrupt pending
4
IRQ_SFD
0
R/W0
1
Interrupt pending
Clear channel assessment (CCA) indicates that channel is clear
0
No interrupt pending
3
IRQ_CCA
0
R/W0
1
Interrupt pending
CSMA-CA/strobe processor (CSP) wait condition is true
0
No interrupt pending
2
IRQ_CSP_WT
0
R/W0
1
Interrupt pending
CSMA-CA/strobe processor (CSP) program execution stopped
0
No interrupt pending
1
IRQ_CSP_STOP
0
R/W0
1
Interrupt pending
CSMA-CA/strobe processor (CSP) INT instruction executed
0
No interrupt pending
0
IRQ_CSP_INT
0
R/W0
1
Interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com