Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 204 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 204 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 200Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 201Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 202Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 203Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 204Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 204 of 232
XDATA
Address
Register name
Description
0xDF28-
0xDF38
-
Reserved
0xDF39
FSMSTATE
Finite State Machine State Status
0xDF3A
ADCTSTH
ADC Test, high
0xDF3B
ADCTSTL
ADC Test, low
0xDF3C
DACTSTH
DAC Test, high
0xDF3D
DACTSTL
DAC Test, low
0xDF3E
-
Reserved
0xDF3F
-
Reserved
0xDF40
-
Reserved
0xDF41
-
Reserved
0xDF43
IEEE_ADDR0
IEEE Address 0
0xDF44
IEEE_ADDR1
IEEE Address 1
0xDF45
IEEE_ADDR2
IEEE Address 2
0xDF46
IEEE_ADDR3
IEEE Address 3
0xDF47
IEEE_ADDR4
IEEE Address 4
0xDF48
IEEE_ADDR5
IEEE Address 5
0xDF49
IEEE_ADDR6
IEEE Address 6
0xDF4A
IEEE_ADDR7
IEEE Address 7
0xDF4B
PANIDH
PAN Identifier, high
0xDF4C
PANIDL
PAN Identifier, low
0xDF4D
SHORTADDRH
Short Address, high
0xDF4E
SHORTADDRL
Short Address, low
0xDF4F
IOCFG0
I/O Configuration 0
0xDF50
IOCFG1
I/O Configuration 1
0xDF51
IOCFG2
I/O Configuration 2
0xDF52
IOCFG3
I/O Configuration 3
0xDF53
RXFIFOCNT
RX FIFO Count
0xDF54
FSMTC1
Finite State Machine Control
0xDF55-
xDF5F
-
Reserved
0xDF60
CHVER
Chip Version
0xDF61
CHIPID
Chip Identification
0xDF62
RFSTATUS
RF Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com