Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 213 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 213 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 209Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 210Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 211Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 212Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 213Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 214Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 215Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 216Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 213 of 232
Bit
Name
Reset
R/W
Description
7:5
-
0
R0
Reserved, read as 0.
4
ADI_RADIO_PD
0
R
ADI_RADIO_PD is a delayed version of
RREG_RADIO_PD. The delay is set by
RREG_DELAY[2:0].
When ADI_RADIO_PD is 0, all analog modules in the radio
are set in power down.
ADI_RADIO_PD is read only.
3
RREG_RADIO_PD
1
R/W
Power down of the voltage regulator to the analog part of
the radio. This signal is used to enable or disable the
analog radio.
0 : Power up
1 : Power down
2:0
RREG_DELAY[2:0]
100
R/W
Delay value used in power-on for voltage regulator
VREG_DELAY[2:0]
Delay
Units
000
0
µs
001
31
µs
010
63
µs
011
125
µs
100
250
µs
101
500
µs
110
1000
µs
111
2000
µs
Table 67: Register RFPWR (0xDF17)
Bit
Name
Reset
R/W
Description
7:5
TC_RXCHAIN2RX[2:0]
011
R/W
The time in 5 us steps between the time the RX chain is
enabled and the demodulator and AGC is enabled. The RX
chain is started when the band pass filter has been
calibrated (after 6.5 symbol periods).
4:2
TC_SWITCH2TX[2:0]
110
R/W
The time in advance the RXTX switch is set high, before
enabling TX. Unit is
µs.
1:0
TC_PAON2TX[3:2]
10
R/W
The time in advance the PA is powered up before enabling
TX. Unit is
µs.
Table 68: Register FSMTCH (0xDF20)
Bit
Name
Reset
R/W
Description
7:6
TC_PAON2TX[1:0]
10
R/W
The time in advance the PA is powered up before enabling
TX. Unit is
µs.
5:3
TC_TXEND2SWITCH[2:0]
010
R/W
The time after the last chip in the packet is sent, and the
rxtx switch is disabled. Unit is
µs.
2:0
TC_TXEND2PAOFF[2:0]
100
R/W
The time after the last chip in the packet is sent, and the PA
is set in power-down. Also the time at which the modulator
is disabled. Unit is
µs.
Table 69: Register FSMTCL (0xDF21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com