Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 220 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 220 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 216Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 217Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 218Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 219Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 220Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 221Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 222Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 223Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 220 of 232
Bit
Name
Reset
R/W
Description
7:0
RXFIFOCNT[7:0]
0x00
R
Number of bytes in the RX FIFO
Table 97: Register RXFIFOCNT (0xDF53)
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Reserved, read as 0.
5
ABORTRX_ON_SRXON
1
R/W
Abort RX when SRXON strobe is issued
0 : Packet reception is not aborted when SRXON is issued
1 : Packet reception is aborted when SRXON is issued
4
RX_INTERRUPTED
0
R
RX interrupted by strobe command
This bit is cleared when the next strobe is detected.
0 : Strobe command detected
1 : Packet reception was interrupted by strobe command
3
AUTO_TX2RX_OFF
0
R/W
Automatically go to RX after TX. Applies to both data
packets and ACK packets.
0 : Automatic RX after TX
1 : No automatic RX after TX
2
RX2RX_TIME_OFF
0
R/W
Turns off the 12 symbol timeout after packet reception has
ended. Active high.
1
PENDING_OR
0
R/W
This bit is OR’ed with the pending bit from FFCTRL before it
goes to the modulator.
0
ACCEPT_ACKPKT.
1
R/W
Accept ACK packet control.
0 : Reject all ACK packets
1 : ACK packets are received
Table 98: Register FSMTC1 (0xDF54)
Bit
Name
Reset
R/W
Description
7:0
VERSION[7:0]
0x01
R
Chip revision number
Table 99: Register CHVER (0xDF60)
Bit
Name
Reset
R/W
Description
7:0
CHIPID[7:0]
0x85
R
Chip identification number. Always read as 0x85.
Table 100: Register CHIPID (0xDF61)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com