Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 228 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 228 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 224Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 225Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 226Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 227Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 228Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 229Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 230Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 231Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 228 of 232
19.1 Recommended PCB layout for package (QLP 48)
Figure 60: Recommended PCB layout for QLP 48 package
Note: The figure is an illustration only and not to scale. There are nine 14 mil diameter via holes
distributed symmetrically in the ground pad under the package. See also the
CC2430 EM
reference design.
19.2 Package thermal properties
Thermal resistance
Air velocity [m/s]
0
Rth,j-a [K/W]
25.6
Table 103: Thermal properties of QLP 48 package
19.3 Soldering information
The recommendations for lead-free solder reflow in IPC/JEDEC J-STD-020C should be followed.
19.4 Plastic tube specification
Tube Specification
Package
Tube Width
Tube Height
Tube Length
Units per Tube
QLP 48
8.5mm ± 0.2mm
2.2mm +0.2/–0.1mm
315mm ± 1.25mm
43
Table 104: Plastic tube specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com