Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 43Page - STMicroelectronics ILPS22QSTR Datasheet HTML 44Page - STMicroelectronics ILPS22QSTR Datasheet HTML 45Page - STMicroelectronics ILPS22QSTR Datasheet HTML 46Page - STMicroelectronics ILPS22QSTR Datasheet HTML 47Page - STMicroelectronics ILPS22QSTR Datasheet HTML 48Page - STMicroelectronics ILPS22QSTR Datasheet HTML 49Page - STMicroelectronics ILPS22QSTR Datasheet HTML 50Page - STMicroelectronics ILPS22QSTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
9.24
TEMP_OUT_H (2Ch)
Temperature output value MSB data (read only)
7
6
5
4
3
2
1
0
TOUT15
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8
TOUT[15:8]
Thisregister contains the high part of the temperature output value.
9.25
FIFO_DATA_OUT_PRESS_XL (78h)
Either FIFO pressure or AH/Qvar output LSB data (read only)
7
6
5
4
3
2
1
0
FIFO_P7
FIFO_P6
FIFO_P5
FIFO_P4
FIFO_P3
FIFO_P2
FIFO_P1
FIFO_P0
FIFO_P[7:0]
Pressure or AH/Qvar LSB data in FIFO buffer
9.26
FIFO_DATA_OUT_PRESS_L (79h)
Either FIFO pressure or AH/Qvar output middle data (read only)
7
6
5
4
3
2
1
0
FIFO_P15
FIFO_P14
FIFO_P13
FIFO_P12
FIFO_P11
FIFO_P10
FIFO_P9
FIFO_P8
FIFO_P[15:8]
Pressure or AH/Qvar middle data in FIFO buffer
9.27
FIFO_DATA_OUT_PRESS_H (7Ah)
Either FIFO pressure or AH/Qvar output MSB data (read only)
7
6
5
4
3
2
1
0
FIFO_P23
FIFO_P22
FIFO_P21
FIFO_P20
FIFO_P19
FIFO_P18
FIFO_P17
FIFO_P16
FIFO_P[23:16]
Pressure or AH/Qvar MSB data in FIFO buffer
ILPS22QS
TEMP_OUT_H (2Ch)
DS13431 - Rev 3
page 47/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com