Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 28Page - STMicroelectronics ILPS22QSTR Datasheet HTML 29Page - STMicroelectronics ILPS22QSTR Datasheet HTML 30Page - STMicroelectronics ILPS22QSTR Datasheet HTML 31Page - STMicroelectronics ILPS22QSTR Datasheet HTML 32Page - STMicroelectronics ILPS22QSTR Datasheet HTML 33Page - STMicroelectronics ILPS22QSTR Datasheet HTML 34Page - STMicroelectronics ILPS22QSTR Datasheet HTML 35Page - STMicroelectronics ILPS22QSTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
8
Register mapping
The following table provides a quick overview of the 8-bit registers embedded in the device.
Table 19. Registers address map
Name
Type
Register address
Default
Function and comment
Hex
Hex
Reserved
00 – 0A
-
Reserved
INTERRUPT_CFG
R/W
0B
00h
Interrupt register
THS_P_L
R/W
0C
00h
Pressure threshold registers
THS_P_H
R/W
0D
00h
IF_CTRL
R/W
0E
00h
Interface control register
WHO_AM_I
R
0F
B4h
Who am I
CTRL_REG1
R/W
10
00h
Control registers
CTRL_REG2
R/W
11
00h
CTRL_REG3
R/W
12
01h
Reserved
13
-
Reserved
FIFO_CTRL
R/W
14
00h
FIFO configuration registers
FIFO_WTM
R/W
15
00h
REF_P_L
R
16
00h
Reference pressure registers
REF_P_H
R
17
00h
Reserved
18
-
Reserved
I3C_IF_CTRL
R/W
19
80h
Interface configuration register
RPDS_L
R/W
1A
00h
Pressure offset registers
RPDS_H
R/W
1B
00h
Reserved
1C-23
-
Reserved
INT_SOURCE
R
24
Output
Interrupt register
FIFO_STATUS1
R
25
Output
FIFO status registers
FIFO_STATUS2
R
26
Output
STATUS
R
27
Output
Status register
PRESSURE_OUT_XL
R
28
Output
Pressure output registers
PRESSURE_OUT_L
R
29
Output
PRESSURE_OUT_H
R
2A
Output
TEMP_OUT_L
R
2B
Output
Temperature output registers
TEMP_OUT_H
R
2C
Output
Reserved
2D - 77
-
Reserved
FIFO_DATA_OUT_PRESS_XL
R
78
Output
FIFO pressure output registers
FIFO_DATA_OUT_PRESS_L
R
79
Output
FIFO_DATA_OUT_PRESS_H
R
7A
Output
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
To guarantee the proper behavior of the device, all register addresses not listed in the above table must not be
accessed and the content stored in those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
ILPS22QS
Register mapping
DS13431 - Rev 3
page 32/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com