Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 30Page - STMicroelectronics ILPS22QSTR Datasheet HTML 31Page - STMicroelectronics ILPS22QSTR Datasheet HTML 32Page - STMicroelectronics ILPS22QSTR Datasheet HTML 33Page - STMicroelectronics ILPS22QSTR Datasheet HTML 34Page - STMicroelectronics ILPS22QSTR Datasheet HTML 35Page - STMicroelectronics ILPS22QSTR Datasheet HTML 36Page - STMicroelectronics ILPS22QSTR Datasheet HTML 37Page - STMicroelectronics ILPS22QSTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Figure 22. “Threshold-based” interrupt event
P_DIFF_IN
Negative
Threshold positive value
Threshold negative value
Positive
To enable the AUTOZERO mode, the AUTOZERO bit must be set to 1 and then the measured pressure value
is used as the reference and stored in the register REF_P (REF_P_L (16h), REF_P_H (17h)). From this point
on, the output pressure value (PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) is updated
with the difference between the measured pressure and REF_P.
•
P_DIFF_IN = measured pressure - REF_P
•
PRESS_OUT = measured pressure - REF_P
After the first conversion, the AUTOZERO bit is automatically set back to 0. In order to return back to normal
mode, the RESET_AZ bit in the INTERRUPT_CFG (0Bh) register has to be set to 1. This also resets the content
of the REF_P registers to 0.
AUTOREFP mode allows using the pressure differential for the generation of the interrupt keeping the output
pressure registers PRESS_OUT (PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) without
comparing REF_P. If the AUTOREFP bit is set to 1, the measured output pressure is used as the reference in the
register REF_P (REF_P_L (16h), REF_P_H (17h)) for interrupt generation with following:
•
P_DIFF_IN = measured pressure - REF_P
The output registers PRESS_OUT (28h, 29h and 2Ah) are not changed by REF_P and shows as follows.
•
PRESS_OUT = measured pressure
After the first conversion, the AUTOREFP bit is automatically set to 0. In order to return back to normal mode, the
RESET_ARP bit has to be set to 1.
9.2
THS_P_L (0Ch)
User-defined threshold value for pressure interrupt event (Least significant bits) (R/W)
7
6
5
4
3
2
1
0
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS[7:0]
This register contains the low part of threshold value for pressure interrupt generation.
Default value: 00h
The threshold value for pressure interrupt generation is a 15-bit unsigned right-justified value composed of
THS_P_H (0Dh) and THS_P_L (0Ch).The value is expressed as:
THS_P (15-bit unsigned) = desired interrupt threshold (hPa) x 16 for full-scale mode 1 (up to 1260 hPa,
FS_MODE bit set to 0 in CTRL_REG2 (11h))
THS_P (15-bit unsigned) = desired interrupt threshold (hPa) x 8 for full-scale mode 2 (up to 4060 hPa, FS_MODE
bit set to 1 in CTRL_REG2 (11h)
To enable the interrupt event based on this user-defined threshold, the PHE bit or PLE bit (or both bits) in
INTERRUPT_CFG (0Bh) has to be enabled.
ILPS22QS
THS_P_L (0Ch)
DS13431 - Rev 3
page 34/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com