Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 20Page - STMicroelectronics ILPS22QSTR Datasheet HTML 21Page - STMicroelectronics ILPS22QSTR Datasheet HTML 22Page - STMicroelectronics ILPS22QSTR Datasheet HTML 23Page - STMicroelectronics ILPS22QSTR Datasheet HTML 24Page - STMicroelectronics ILPS22QSTR Datasheet HTML 25Page - STMicroelectronics ILPS22QSTR Datasheet HTML 26Page - STMicroelectronics ILPS22QSTR Datasheet HTML 27Page - STMicroelectronics ILPS22QSTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
6.1
Analog hub (AH) / Qvar functions
The ILPS22QS embeds an analog hub sensing functionality which is able to connect an analog input and convert
it to a digital signal as output. In addition, Qvar sensing with external electrodes can be used for user interfaces
like water leakage detection, tap, double tap, long press, and L/R - R/L swipe.
Refer to application note AN5755 for additional details.
The input impedance between QVAR1 (pin 7) and QVAR2 (pin 5) of ILPS22QS depends on the AVG and ODR
configuration in Table 6. Input impedance of Qvar.
6.2
Power-saving tip for the pressure sensor, disabling the analog hub (AH) / Qvar
feature
The analog hub (AH) / Qvar feature is enabled by default and this feature causes slightly higher power
consumption during operating and power-down modes to support AH/Qvar functions. Thus, it is recommended to
use the following procedure to save power consumption in case the application doesn't need the AH/Qvar feature.
How to save power consumption? First of all, AH1/QVAR1 (pin 7) and AH2/QVAR2 (pin 5) must be connected
to GND on the PCB (hardware design). Second, the application must write 00h in the 5Fh register whenever the
application is powered on. Following this procedure, the device operates only in pressure sensor mode, disabling
AH/Qvar to achieve lower power consumption as described in Table 4. Electrical characteristics - pressure and
temperature.
6.3
Soldering information
The HLGA package is compliant with the ECOPACK standard and it is qualified for soldering heat resistance
according to JEDEC J-STD-020.
For land pattern and soldering recommendations, consult technical note TN0018 available on www.st.com.
ILPS22QS
Analog hub (AH) / Qvar functions
DS13431 - Rev 3
page 24/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com